Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPL-P033MS28 Datasheet(PDF) 12 Page - Lite-On Technology Corporation

Part # LTPL-P033MS28
Description  LITE-ON TECHNOLOGY CORPORATION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-P033MS28 Datasheet(HTML) 12 Page - Lite-On Technology Corporation

Back Button LTPL-P033MS28 Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 9Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 11Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 12Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 13Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 14Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Part No.: LTPL-P033MS28
Page:
12
of
14
BNC-OD-C131/A4
Reliability Test
Test Item
Test Condition
Test Point
Number of
Damaged
High Temperature
Operating Life
85
oC, I
F = 500mA (DC)
1000 Hours
0/22
High Temperature
Operating Life
55C, IF = 500mA (DC)
1000 Hours
0/22
Low Temperature
Operating Life
-40
oC, I
F = 500mA (DC)
1000 Hours
0/11
Wet High Temperature
Operation Life
60℃/ 90%RH, IF = 500mA
1000 Hours
0/22
Powered Wet High
Temperature Operation Life
60℃/ 90%RH, IF = 500mA
30min ON/30min OFF
1000 Hours
0/22
High Temperature
Storage Life
125℃
1000 Hours
0/11
Low Temperature
Storage Life
- 40℃
1000 Hours
0/11
Thermal Cycle
- 40℃~100℃
30min dwell, 5 min transfer
500 cycle
0/22
Thermal Shock
- 40℃~120℃
20min dwell, 20 sec transfer
500 cycle
0/22
Resistance to Soldering
Heat
265℃, 5secs
according to MSL rating
3 Times
0/11
Solder ability
Tsld = 245±5
oC, 3 sec
1 Time
0/6
Salt Mist Test
35℃, 30g/m2/day
48 Hours
0/6
Criteria for Judging the Damage
Criteria for Judgment
Item
Symbol
Test Condition
Min.
Max.
Forward Voltage
Vf
IF = 350mA
U.S.L. x 1.1
Luminous Intensity
Lm
IF = 350mA
L.S.L. x 0.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com