Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPL-P033MS28 Datasheet(PDF) 13 Page - Lite-On Technology Corporation

Part # LTPL-P033MS28
Description  LITE-ON TECHNOLOGY CORPORATION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-P033MS28 Datasheet(HTML) 13 Page - Lite-On Technology Corporation

Back Button LTPL-P033MS28 Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 9Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 11Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 12Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 13Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 14Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Part No.: LTPL-P033MS28
Page:
13
of
14
BNC-OD-C131/A4
8. Cautions
Application
The LEDs described here are intended to be used for ordinary electronic equipment (such as office
equipment, communication equipment and household applications).Consult Liteon’s Sales in advance
for information on applications in which exceptional reliability is required, particularly when the failure
or malfunction of the LEDs may directly jeopardize life or health (such as in aviation, transportation,
traffic control equipment, medical and life support systems and safety devices).
Storage
This product is qualified as Moisture Sensitive Level 4 per JEDEC J-STD-020 Precaution when
handing this moisture sensitive product is important to ensure the reliability of the product.
The package is sealed:
The LEDs should be stored at 30
oC or less and 90%RH or less. And the LEDs are limited to use
within one year, while the LEDs is packed in moisture-proof package with the desiccants inside.
The package is opened:
The LEDs should be stored at 30
oC or less and 60%RH or less. Moreover, the LEDs are limited to
solder process within 72hrs. If the Humidity Indicator shows the pink color in 10% even higher or
exceed the storage limiting time since opened, that we recommended to be with workable
desiccants in original package.
Drive Method
An LED is a current-operated device. In order to ensure intensity uniformity on multiple LEDs
connected in parallel in an application, it is recommended that a current limiting resistor be
incorporated in the drive circuit, in series with each LED as shown in Circuit A below.
LED
LED
Circuit model A
Circuit model B
(A) Recommended circuit.
(B) The brightness of each LED might appear different due to the differences in the I-V characteristics
of those LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com