Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPL-P033MS28 Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTPL-P033MS28
Description  LITE-ON TECHNOLOGY CORPORATION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-P033MS28 Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTPL-P033MS28 Datasheet HTML 1Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 2Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Part No.: LTPL-P033MS28
Page:
3
of
14
BNC-OD-C131/A4
Electro-Optical Characteristics at Ta=25°C
Parameter
Symbol
MIN.
TYP.
MAX.
Test Condition
Unit
2.79
3.2
3.75
IF= 350mA
Forward Voltage
VF
3.4
IF= 500mA
V
Reverse Current
IR
100
VR = 5V
µA
87
IF = 350mA
Luminous Flux
ΦV
120
IF= 500mA
lm
77
IF = 350mA
Efficiency
η
70
IF = 500mA
lm/W
Color Rendering
Ra
80
IF = 350mA
View Angle
2θ
1/2
120
IF = 350mA
°
X
0.45
Chromaticity Coordinates
Y
0.41
IF = 350mA
Correlated Color Temperature
CCT
2550
3200
K
Notes
1.
Luminous flux is the total luminous flux output as measured with an integrating sphere.
2.
The chromaticity coordinates (x, y) is derived from the CIE 1931 chromaticity diagram.
3.
IS CAS140B is for the luminous flux (lm) and the CIE1931 chromaticity coordinates (x, y) testing.
The chromaticity coordinates (x, y) guarantee should be added ± 0.01 tolerance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com