Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPL-P033MS28 Datasheet(PDF) 11 Page - Lite-On Technology Corporation

Part # LTPL-P033MS28
Description  LITE-ON TECHNOLOGY CORPORATION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-P033MS28 Datasheet(HTML) 11 Page - Lite-On Technology Corporation

Back Button LTPL-P033MS28 Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 9Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 11Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 12Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 13Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 14Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Part No.: LTPL-P033MS28
Page:
11
of
14
BNC-OD-C131/A4
7. Package Dimensions of Tape and Reel
Notes:
1. All dimension are in millimeters. (inches)
2. Empty component pockets sealed with top cover tape.
3. 1000 pieces per 7 inch real. (Min. packing quantities are 500 pieces for remainders)
4. The maximum number of consecutive missing LED is two.
5. In accordance with EIA-481-1-L23 specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com