Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPL-P033MS28 Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTPL-P033MS28
Description  LITE-ON TECHNOLOGY CORPORATION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-P033MS28 Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTPL-P033MS28 Datasheet HTML 1Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 2Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Part No.: LTPL-P033MS28
Page:
2
of
14
BNC-OD-C131/A4
3. Rating and Characteristics
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Rating
Unit
Power Dissipation
Po
3
W
Forward Current
IF
500
mA
Forward Pulse Current
IFP
500
mA
Reverse Voltage
VR
5
V
Junction Temperature
Tj
115
°C
Thermal Resistance, Junction-Case
Rth, J-C
8
°C/W
Thermal Resistance, Junction-Ambient
Rth, J-A
13
°C/W
Operating Temperature Range
Topr
-40 - 85
°C
Storage Temperature Range
Tstg
-40 - 100
°C
Notes
1.
The pulse mode condition is 1/10 duty cycle with 100 msec pulse width.
2.
Operating the LED (in an application) under reverse bias condition might result in damage
or failure of the component.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com