Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMS282X Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HSMS282X
Description  Surface Mount RF Schottky Barrier Diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMS282X Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HSMS282X Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
assures that the characteristics of
the two diodes are more highly
matched than would be possible
through individual testing and
hand matching.
matching
network
differential
amplifier
HSMS-2825
bias
Figure 13. Differential Detector.
Figure 14. Fabrication of Agilent
Diode Pairs.
In high power applications,
coupling of RF energy from the
detector diode to the reference
diode can introduce error in the
differential detector. The
HSMS-282K diode pair, in the six
lead SOT-363 package, has a
copper bar between the diodes
that adds 10 dB of additional
isolation between them. As this
part is manufactured in the
SOT-363 package it also provides
the benefit of being 40% smaller
than larger SOT-143 devices. The
HSMS-282K is illustrated in
Figure 15 — note that the ground
connections must be made as
close to the package as possible
to minimize stray inductance to
ground.
PA
detector diode
reference diode
to differential amplifier
Vbias
HSMS-282K
Figure 15. High Power Differential
Detector.
The concept of the voltage
doubler can be applied to the
differential detector, permitting
twice the output voltage for a
given input power (as well as
improving input impedance and
suppressing second harmonics).
However, care must be taken to
assure that the two reference
diodes closely match the two
detector diodes. One possible
configuration is given in Fig-
ure 16, using two HSMS-2825.
Board space can be saved
through the use of the HSMS-282P
open bridge quad, as shown in
Figure 17.
matching
network
differential
amplifier
HSMS-2825
HSMS-2825
bias
Figure 16. Voltage Doubler
Differential Detector.
differential
amplifier
HSMS-282P
bias
matching
network
Figure 17. Voltage Doubler
Differential Detector.
While the differential detector
works well over temperature,
another design approach[3] works
well for large signal detectors.
See Figure 18 for the schematic
and a physical layout of the
circuit. In this design, the two
4.7 K
Ω resistors and diode D2 act
as a variable power divider,
assuring constant output voltage
over temperature and improving
output linearity.
Vo
D1
33 pF
HSMS-2825
or
HSMS-282K
HSMS-282K
4.7 K
Ω
33 pF
4.7 K
Ω
4.7 K
Ω
D2
68
Ω
68
Ω
RFin
RFin
Vo
Figure 18. Temperature Compensated
Detector.
In certain applications, such as a
dual-band cellphone handset
operating at both 900 and
1800 MHz, the second harmonics
generated in the power control
output detector when the handset
is working at 900 MHz can cause
problems. A filter at the output
can reduce unwanted emissions
at 1800 MHz in this case, but a
[3] Hans Eriksson and Raymond W. Waugh, “A Temperature Compensated Linear Diode
Detector,” to be published.
88759/02-5.PM6.0J
2001.04.25, 6:41 PM
Page 7
Adobe PageMaker 6.0J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com