Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMS282X Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # HSMS282X
Description  Surface Mount RF Schottky Barrier Diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMS282X Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button HSMS282X Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
t
C
W
F
E
EMBOSSMENT
P2
10 PITCHES CUMULATIVE
TOLERANCE ON TAPE
±0.2 MM (±0.008)
USER FEED
DIRECTION
P0
D0
COVER
TAPE
T
P1
D1
K
DESCRIPTION
SYMBOL
SIZE (mm)
SIZE (INCHES)
LENGTH
WIDTH
DEPTH
PITCH
BOTTOM HOLE DIAMETER
A
B
K
P1
D1
3.15
± 0.15
2.65
± 0.25
1.30
± 0.10
4.00
± 0.10
1.00 min.
0.124
± 0.006
0.104
± 0.010
0.051
± 0.004
0.157
± 0.004
0.04 min.
CAVITY
DIAMETER
PITCH
POSITION
D0
P0
E
1.55 + 0.10/-0
4.00
± 0.10
1.75
± 0.10
0.061 + 0.004/-0
0.157
± 0.004
0.069
± 0.004
PERFORATION
WIDTH
THICKNESS
W
t
8.00
± 0.2
0.30
± 0.05
0.315
± 0.008
0.012
± 0.002
CARRIER TAPE
CAVITY TO PERFORATION
(WIDTH DIRECTION)
CAVITY TO PERFORATION
(LENGTH DIRECTION)
F
P2
3.50
± 0.10
2.00
± 0.05
0.138
± 0.004
0.079
± 0.002
DISTANCE
BETWEEN
CENTERLINE
WIDTH
TAPE THICKNESS
C
T
5.40
± 0.25
0.064
± 0.01
0.205
± 0.010
0.003
± 0.0004
COVER TAPE
B
CENTER LINES
OF CAVITY
A
Tape Dimensions and Product Orientation
For Outline SOT-23
88759/02-5.PM6.0J
2001.04.25, 6:42 PM
Page 13
Adobe PageMaker 6.0J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com