Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMS282X Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HSMS282X
Description  Surface Mount RF Schottky Barrier Diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMS282X Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HSMS282X Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Surface Mount RF Schottky
Barrier Diodes
Technical Data
HSMS-282x Series
Features
• Low Turn-On Voltage
(As Low as 0.34 V at 1 mA)
• Low FIT (Failure in Time)
Rate*
• Six-sigma Quality Level
• Single, Dual and Quad
Versions
• Unique Configurations in
Surface Mount SOT-363
Package
– increase flexibility
– save board space
– reduce cost
• HSMS-282K Grounded
Center Leads Provide up to
10 dB Higher Isolation
• Matched Diodes for
Consistent Performance
• Better Thermal Conductivity
for Higher Power Dissipation
*
For more information see the
Surface Mount Schottky Reliability
Data Sheet.
Description/Applications
These Schottky diodes are
specifically designed for both
analog and digital applications.
This series offers a wide range of
specifications and package
configurations to give the
designer wide flexibility. Typical
applications of these Schottky
diodes are mixing, detecting,
switching, sampling, clamping,
and wave shaping. The
HSMS-282x series of diodes is the
Package Lead Code Identification, SOT-23/SOT-143
(Top View)
COMMON
CATHODE
#4
UNCONNECTED
PAIR
#5
COMMON
ANODE
#3
SERIES
#2
SINGLE
#0
12
3
12
34
RING
QUAD
#7
12
34
BRIDGE
QUAD
#8
12
34
CROSS-OVER
QUAD
#9
12
34
12
3
12
3
12
3
Package Lead Code
Identification, SOT-323
(Top View)
Package Lead Code
Identification, SOT-363
(Top View)
COMMON
CATHODE
F
COMMON
ANODE
E
SERIES
C
SINGLE
B
COMMON
CATHODE QUAD
M
UNCONNECTED
TRIO
L
BRIDGE
QUAD
P
COMMON
ANODE QUAD
N
RING
QUAD
R
12
3
65
4
HIGH ISOLATION
UNCONNECTED PAIR
K
12
3
65
4
12
3
65
4
12
3
65
4
12
3
65
4
12
3
65
4
best all-around choice for most
applications, featuring low series
resistance, low forward voltage at
all current levels and good RF
characteristics.
Note that Agilent’s manufacturing
techniques assure that dice found
in pairs and quads are taken from
adjacent sites on the wafer,
assuring the highest degree of
match.
88759/02-5.PM6.0J
2001.04.25, 6:40 PM
Page 1
Adobe PageMaker 6.0J/PPC


Similar Part No. - HSMS282X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HSMS2820 ETC1-HSMS2820 Datasheet
278Kb / 6P
Surface Mount Zero Bias Schottky
HSMS2822 ETC1-HSMS2822 Datasheet
278Kb / 6P
Surface Mount Zero Bias Schottky
HSMS2823 ETC1-HSMS2823 Datasheet
278Kb / 6P
Surface Mount Zero Bias Schottky
HSMS2824 ETC1-HSMS2824 Datasheet
278Kb / 6P
Surface Mount Zero Bias Schottky
HSMS2825 ETC1-HSMS2825 Datasheet
278Kb / 6P
Surface Mount Zero Bias Schottky
More results

Similar Description - HSMS282X

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-281C-TR1G AVAGO-HSMS-281C-TR1G Datasheet
457Kb / 10P
Surface Mount RF Schottky Barrier Diodes
HSMS-2813-BLKG AVAGO-HSMS-2813-BLKG Datasheet
457Kb / 10P
Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-280B BOARDCOM-HSMS-280B Datasheet
196Kb / 10P
Surface Mount RF Schottky Barrier Diodes
HSMS-280F BOARDCOM-HSMS-280F Datasheet
196Kb / 10P
Surface Mount RF Schottky Barrier Diodes
HSMS-282E BOARDCOM-HSMS-282E Datasheet
1Mb / 15P
Surface Mount RF Schottky Barrier Diodes
HSMS-282K BOARDCOM-HSMS-282K Datasheet
1Mb / 15P
Surface Mount RF Schottky Barrier Diodes
HSMS-282N BOARDCOM-HSMS-282N Datasheet
1Mb / 15P
Surface Mount RF Schottky Barrier Diodes
HSMS-2812 BOARDCOM-HSMS-2812 Datasheet
457Kb / 10P
Surface Mount RF Schottky Barrier Diodes
HSMS-2822 BOARDCOM-HSMS-2822 Datasheet
1Mb / 15P
Surface Mount RF Schottky Barrier Diodes
HSMS-2824 BOARDCOM-HSMS-2824 Datasheet
1Mb / 15P
Surface Mount RF Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com