Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMS282X Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HSMS282X
Description  Surface Mount RF Schottky Barrier Diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMS282X Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HSMS282X Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Electrical Specifications T
C = 25°C, Single Diode
[4]
Maximum
Maximum
Minimum
Maximum
Forward
Reverse
Typical
Part
Package
Breakdown
Forward
Voltage
Leakage
Maximum
Dynamic
Number
Marking
Lead
Voltage
Voltage
V
F (V) @
I
R (nA) @
Capacitance Resistance
HSMS[5]
Code
Code
Configuration
V
BR (V)
V
F (mV)
I
F (mA)
V
R (V)
C
T (pF)
R
D (Ω)
[6]
2820
C0
[3]
0
Single
15
340
0.5
10
100
1
1.0
12
2822
C2
[3]
2
Series
2823
C3
[3]
3
Common Anode
2824
C4
[3]
4
Common Cathode
2825
C5
[3]
5
Unconnected Pair
2827
C7
[3]
7
Ring Quad
[5]
2828
C8
[3]
8
Bridge Quad
[5]
2829
C9
[3]
9
Cross-over Quad
282B
C0
[7]
B
Single
282C
C2
[7]
C
Series
282E
C3
[7]
E
Common Anode
282F
C4
[7]
F
Common Cathode
282K
CK
[7]
K
High Isolation
Unconnected Pair
282L
CL
[7]
L
Unconnected Trio
282M
HH
[7]
M
Common Cathode Quad
282N
NN
[7]
N
Common Anode Quad
282P
CP
[7]
P
Bridge Quad
282R
OO
[7]
R
Ring Quad
Test Conditions
I
R = 100 µAIF = 1 mA
[1]
V
F = 0 V
I
F = 5 mA
f = 1 MHz
[2]
Notes:
1.
∆V
F for diodes in pairs and quads in 15 mV maximum at 1 mA.
2.
∆C
TO for diodes in pairs and quads is 0.2 pF maximum.
3. Package marking code is in white.
4. Effective Carrier Lifetime (
τ) for all these diodes is 100 ps maximum measured with Krakauer method at 5 mA.
5. See section titled “Quad Capacitance.”
6. R
D = RS + 5.2 Ω at 25°C and I f = 5 mA.
7. Package marking code is laser marked.
Absolute Maximum Ratings[1] T
C = 25°C
Symbol
Parameter
Unit
SOT-23 /SOT-143 SOT-323 /SOT-363
If
Forward Current (1
µs Pulse) Amp
1
1
PIV
Peak Inverse Voltage
V
15
15
Tj
Junction Temperature
°C
150
150
Tstg
Storage Temperature
°C
-65 to 150
-65 to 150
θ
jc
Thermal Resistance[2]
°C/W
500
150
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to
the device.
2. TC = +25°C, where TC is defined to be the temperature at the package pins where
contact is made to the circuit board.
Notes:
1. Package marking provides
orientation and identification.
2. See “Electrical Specifications” for
appropriate package marking.
Pin Connections and
Package Marking
1
2
3
6
5
4
88759/02-5.PM6.0J
2001.04.25, 6:40 PM
Page 2
Adobe PageMaker 6.0J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com