Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMS282X Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HSMS282X
Description  Surface Mount RF Schottky Barrier Diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMS282X Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HSMS282X Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Quad Capacitance
Capacitance of Schottky diode
quads is measured using an
HP4271 LCR meter. This
instrument effectively isolates
individual diode branches from
the others, allowing accurate
capacitance measurement of each
branch or each diode. The
conditions are: 20 mV R.M.S.
voltage at 1 MHz. Agilent defines
this measurement as “CM”, and it
is equivalent to the capacitance of
the diode by itself. The equivalent
diagonal and adjacent capaci-
tances can then be calculated by
the formulas given below.
In a quad, the diagonal capaci-
tance is the capacitance between
points A and B as shown in the
figure below. The diagonal
capacitance is calculated using
the following formula
C
1 x C2
C
3 x C4
C
DIAGONAL = _______ + _______
C
1 + C2
C
3 + C4
C1
C2
C4
C3
A
B
C
The equivalent adjacent
capacitance is the capacitance
between points A and C in the
figure below. This capacitance is
calculated using the following
formula
1
C
ADJACENT = C1 + ____________
1
1
1
–– + –– + ––
C
2
C
3
C
4
This information does not apply
to cross-over quad diodes.
SPICE Parameters
Parameter
Units
HSMS-282x
B
V
V15
C
J0
pF
0.7
E
G
eV
0.69
I
BV
A1E - 4
I
S
A
2.2E - 8
N
1.08
R
S
Ω
6.0
P
B
V
0.65
P
T
2
M
0.5
Cj
Rj
RS
Rj =
8.33 X 10
-5 nT
Ib + Is
where
Ib = externally applied bias current in amps
Is = saturation current (see table of SPICE parameters)
T = temperature,
°K
n = ideality factor (see table of SPICE parameters)
Note:
To effectively model the packaged HSMS-282x product,
please refer to Application Note AN1124.
RS = series resistance (see Table of SPICE parameters)
C j = junction capacitance (see Table of SPICE parameters)
Linear Equivalent Circuit Model
Diode Chip
ESD WARNING:
Handling Precautions Should Be Taken To Avoid Static Discharge.
88759/02-5.PM6.0J
2001.04.25, 6:41 PM
Page 3
Adobe PageMaker 6.0J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com