Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMS282X Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HSMS282X
Description  Surface Mount RF Schottky Barrier Diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMS282X Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HSMS282X Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSMS282X Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Sampling Applications
The six lead HSMS-282P can be
used in a sampling circuit, as
shown in Figure 25. As was the
case with the six lead HSMS-282R
in the mixer, the open bridge
quad is closed with traces on the
circuit board. The quad was not
closed internally so that it could
be used in other applications,
such as illustrated in Figure 17.
HSMS-282P
sampling
pulse
sample
point
sampling circuit
Figure 25. Sampling Circuit.
Thermal Considerations
The obvious advantage of the
SOT-323 and SOT-363 over the
SOT-23 and SOT-142 is combina-
tion of smaller size and extra
leads. However, the copper
leadframe in the SOT-3x3 has a
thermal conductivity four times
higher than the Alloy 42
leadframe of the SOT-23 and
SOT-143, which enables the
smaller packages to dissipate
more power.
The maximum junction tempera-
ture for these three families of
Schottky diodes is 150
°C under
all operating conditions. The
following equation applies to the
thermal analysis of diodes:
Tj = (Vf If + PRF)
θjc + Ta
(1)
where
Tj = junction temperature
Ta = diode case temperature
θjc = thermal resistance
Vf If = DC power dissipated
PRF = RF power dissipated
Note that
θjc, the thermal resis-
tance from diode junction to the
foot of the leads, is the sum of
two component resistances,
θjc = θpkg + θchip
(2)
Package thermal resistance for
the SOT-3x3 package is approxi-
mately 100
°C/W, and the chip
thermal resistance for the
HSMS-282x family of diodes is
approximately 40
°C/W. The
designer will have to add in the
thermal resistance from diode
case to ambient — a poor choice
of circuit board material or heat
sink design can make this number
very high.
Equation (1) would be straightfor-
ward to solve but for the fact that
diode forward voltage is a func-
tion of temperature as well as
forward current. The equation for
Vf is:
11600 (Vf – If Rs)
nT
(3)
If = IS e
– 1
where n = ideality factor
T = temperature in
°K
Rs = diode series resistance
and IS (diode saturation current)
is given by
2
1
1
n
– 4060
(
T
–
298)
Is = I0
( T ) e
298
(4)
Equation (4) is substituted into
equation (3), and equations (1)
and (3) are solved simultaneously
to obtain the value of junction
temperature for given values of
diode case temperature, DC
power dissipation and RF power
dissipation.
Diode Burnout
Any Schottky junction, be it an RF
diode or the gate of a MESFET, is
relatively delicate and can be
burned out with excessive RF
power. Many crystal video
receivers used in RFID (tag)
applications find themselves in
poorly controlled environments
where high power sources may be
present. Examples are the areas
around airport and FAA radars,
nearby ham radio operators, the
vicinity of a broadcast band
transmitter, etc. In such
environments, the Schottky
diodes of the receiver can be
protected by a device known as a
limiter diode.[5] Formerly
available only in radar warning
receivers and other high cost
electronic warfare applications,
these diodes have been adapted to
commercial and consumer
circuits.
Agilent offers a complete line of
surface mountable PIN limiter
diodes. Most notably, our HSMP-
4820 (SOT-23) can act as a very
fast (nanosecond) power-sensitive
switch when placed between the
antenna and the Schottky diode,
shorting out the RF circuit
temporarily and reflecting the
excessive RF energy back out the
antenna.
[5] Agilent Application Note 1050, “Low
Cost, Surface Mount Power Limiters.”
88759/02-5.PM6.0J
2001.04.25, 6:42 PM
Page 9
Adobe PageMaker 6.0J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com