Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5203 Datasheet(PDF) 2 Page - First Components International

Part # CS5203
Description  3 Amp Low Dropout Postitive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

CS5203 Datasheet(HTML) 2 Page - First Components International

  CS5203 Datasheet HTML 1Page - First Components International CS5203 Datasheet HTML 2Page - First Components International CS5203 Datasheet HTML 3Page - First Components International CS5203 Datasheet HTML 4Page - First Components International CS5203 Datasheet HTML 5Page - First Components International CS5203 Datasheet HTML 6Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Electrical Characteristics(Note 1)
Electrical Characteristics at I
=0 mA and T =+25
unless otherwise specified
LOAD
J
The * denotes the specifications which apply over the full temperature range.
Note 1:Unless otherwise specified
V
=
V
. For CS5203(adj)
V
= 0V
out
sense
adj
Note 2:For the adjustable device the minimum load current is the minimum current required to maintain in requlation.Normally
the current in the resistor divider used to set the output voltage is selected to meet the minimum load current requirement.
Note 3:The control pin current is the drive current required for the output transistor. This current will track output current
with a ratio of about 1:100.
Note 4:The dropout voltage for the CS5203 is caused by either minimum control voltage or minimum power voltage.
The specifications represent the minimum input/output voltage required to maintain 1% regulation.
Parameter
Device
Min
Max
Units
Typ
Test Conditions
V
2.75V,V
2V,
I
=10mA
CONTROL
=
POWER
=
LOAD
V
2.7V to 12V,
CONTROL
=
V
3.3V to 5.5V,
ILOAD =10mA to3 A
POWER
=
V
=4V,
V
=2V
CONTR OL
POWER
V
=3V,
V
=2.3V ,
I
=0mA to3 A
CONTR OL
POWER
LOAD
V
=5V,
V
=3.3V
CONTR OL
POWER
V
=4V,
V
=3.3V ,
I
=0mA to3A
CONTR OL
POWER
LOAD
V
=6V,
V
=4V
CONTR OL
POWER
V
=5V,
V
=4.3V ,
=0mA to3 A
CONTR OL
POWER
ILOAD
V
=5.5V ,
V
=3.5V
CONTR OL
POWER
V
=4.5V ,
V
=3.8V ,
I
=0mA to3 A
CONTR OL
POWER
LOAD
V
=7.5V ,
V
=5.5V
CONTR OL
POWER
V
=6.5V ,
V
=5.8V ,
I
=0mA to3 A
CONTR OL
POWER
LOAD
I
=10mA,(1.5V+
V
)
V
12V,
LOAD
OUT
CONTROL
0.8V
(
V
-
V
) 5.5V
POWER
OUT
V
=
V
+2.5V,
V
=
V
+0.8V,
CONTROL
OUT
POWER
OUT
I
=10mA to 1A
LOAD
V
=
V
+2.5V,
V
=
V
+0.8V,
CONTROL
OUT
POWER
OUT
IL
=10mA to 3 A
OAD
V
=
V
+2.5V,
V
=
V
+0.8V,
CONTROL
OUT
POWER
OUT
I
=10mA to 3A
LOAD
V
=2.75V,
V
=2.05 V,
CONTROL
POWER
I
=10mA
LOAD
V
=
V
=
V
+2.5V ,
V
=1
V
CONTR OL
POWER
OUT
RIPPLE
P-P
,
I
=1.5A
LOAD
V
=
V
+0.8V,
I
=10mA
POWER
OUT
LOAD
V
=
V
+0.8V,
I
=3A
POWER
OUT
LOAD
V
=
V
+2.5
V ,I
=3A
CONTROL
OUT
LOAD
(
V -V
)=3V
IN
OUT
V
=5V,
V
=3.3V,
V
=0V
CONTROL
POWER
ADJ
V
=5.8V ,
V
=3.8V
CONTR OL
POWER
V
=4.8V ,
V
=4.1V ,
I
=0mA to3 A
CONTR OL
POWER
LOAD
V
=
5.35V ,
V
3.35V
CONTR OL
POWER
=
V
=4.4V ,
V
3.7V ,
I
=0mAto3 A
CONTR OL
POWER
=
LOAD
CS5203
CS5203
-1.5
CS5203
-2.5
CS5203
-2.85
CS5203
-3.0
CS5203
-3.3
CS5203
-3.5
CS5203
-5.0
All
All
All
All
All
All
All
CS5203
1.238
1.250
1.262
1.230
1.250
1.270
1.485
1.475
1.500
1.500
1.515
1.525
2.475
2.460
2.500
2.500
2.525
2.540
2.821
2.805
2.850
2.850
2.879
2.895
2.970
2.950
3.000
3.000
3.030
3.050
3.267
3.247
3.300
3.300
3.333
3.353
3.465
3.445
3.500
3.500
3.535
3.555
4.950
4.920
5.000
5.000
0.04
0.20
0.08
0.40
1.7
5
60
5
10
50
120
4
75
0.003
1.00
1.15
1.15
1.30
0.55
0.70
5.050
5.080
3
60
CS5203
CS5203
T A=25 ,30ms pulse
Note 4
C S 5203-1.5/
-2.5/-2.85
-3.0/-3.3/-3.5
-5.0
Output Voltage
Line Regulation
Load Regulation
Minimum Load
Current (Note 2)
Control Pin Current
(Note 3)
Ground Pin Current
Adjust Pin Current
Current Limit
Ripple Rejection
Thermal Regulation
Dropout V oltage
Control lnput
(V
- V
)
CONTROL
OUT
Power lnput
(V
- V
)
POWER
OUT
*
V
V
V
V
V
V
V
V
V
V
%
%
mA
mA
mA
A
A
dB
%/W
*
*
*
*
*
*
*
*
*
*
*
**
*
*
*
*
*
CS-5203 3 Amp Low Dropout Positive Voltage Regulator
Reference Voltage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com