Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5203 Datasheet(PDF) 6 Page - First Components International

Part # CS5203
Description  3 Amp Low Dropout Postitive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

CS5203 Datasheet(HTML) 6 Page - First Components International

  CS5203 Datasheet HTML 1Page - First Components International CS5203 Datasheet HTML 2Page - First Components International CS5203 Datasheet HTML 3Page - First Components International CS5203 Datasheet HTML 4Page - First Components International CS5203 Datasheet HTML 5Page - First Components International CS5203 Datasheet HTML 6Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
ORDER INFORMATION
Device
C S 5203T
C S 5203T 1
C S 5203D P
C S 5203T -1.5
C S 5203T 1-1.5
C S 5203D P -1.5
C S 5203T -2.5
C S 5203T 1-2.5
C S 5203D P -2.5
C S 5203T -2.8 5
C S 5203T 1-2.8 5
C S 5203D P -2.8 5
C S 5203T -3
C S 5203T 1-3
C S 5203D P -3
C S 5203T -3.3
C S 5203T 1-3.3
C S 5203D P -3.3
C S 5203T -3.5
C S 5203T 1-3.5
C S 5203D P -3.5
C S 5203T -5
C S 5203T 1-5
C S 5203D P -5
T O -220
T O -220-5
T O -263
T O -220
T O -220-5
T O -263
T O -220
T O -220-5
T O -263
T O -220
T O -220-5
T O -263
T O -220
T O -220-5
T O -263
T O -220
T O -220-5
T O -263
T O -220
T O -220-5
T O -263
T O -220
T O -220-5
T O -263
A dj
A dj
A dj
1.5 V
1.5 V
1.5 V
2.5 V
2.5 V
2.5 V
2.8 5V
2.8 5V
2.8 5V
3V
3V
3V
3.3 V
3.3 V
3.3 V
3.5 V
3.5 V
3.5 V
5V
5V
5V
Output Voltage
Package
CS-5203 3 Amp Low Dropout Positive Voltage Regulator



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com