Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5203 Datasheet(PDF) 3 Page - First Components International

Part # CS5203
Description  3 Amp Low Dropout Postitive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

CS5203 Datasheet(HTML) 3 Page - First Components International

  CS5203 Datasheet HTML 1Page - First Components International CS5203 Datasheet HTML 2Page - First Components International CS5203 Datasheet HTML 3Page - First Components International CS5203 Datasheet HTML 4Page - First Components International CS5203 Datasheet HTML 5Page - First Components International CS5203 Datasheet HTML 6Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PIN FUNCTION ( 5-L e a d)
B lo c k D ia gr a m
Sense (Pin 1) : T his pin is the positive side of the
reference voltage. W ith this pin it is possible to Kelvin
Sense the output voltage at the load.
Ad just (Pin 2) : This pin is the negative side of the
reference voltage. Adding a small bypass capacitor from
the Adjust pin to ground improves the transient response.
For fixed voltage devices the Adjust pin is also brought
out to allow the user to add a bypass capacitor.
GND (Pin 2 ): For fixed voltage device this is the bottom
of the resistor divider that sets the output voltage.
V
(Pin 5): This pin is the collector of the power
PO
WER
transistor . The output load current is supplied through this
pin. The voltage at this pin must be 0.7V greater than the
output voltage for the device to regulate.
V
(Pin 4): This pin is the supply pin for the control
CO
NTROL
circuitry. The current flow into this pin will be about 1% of
the output current. The voltage at this pin must be 1. 3V
greater than the output volta ge for the device to regulate.
Ou tput (Pin 3): This is the power outputof the device.
3
V CONTROL
V OUT
SENSE
FOR FIXED
VOLTAGE
voltage
For adjustable
DEVICE
device
GND
ADJ
+
-
V POWER
CS-5203 3 Amp Low Dropout Positive Voltage Regulator



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com