Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5203 Datasheet(PDF) 1 Page - First Components International

Part # CS5203
Description  3 Amp Low Dropout Postitive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

CS5203 Datasheet(HTML) 1 Page - First Components International

  CS5203 Datasheet HTML 1Page - First Components International CS5203 Datasheet HTML 2Page - First Components International CS5203 Datasheet HTML 3Page - First Components International CS5203 Datasheet HTML 4Page - First Components International CS5203 Datasheet HTML 5Page - First Components International CS5203 Datasheet HTML 6Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CS-5203 3 Amp Low Dropout Postitive Voltage Regulator
1
The CS5203 series of positive adjustable
and fixed regulators are designed to provide 3A
with higher efficiency than in devices currently
available. All internal circuitry is designed to
operate down to 700 mV input to output
differential and the dropout voltage is fully
specified as a function of load current.
Dropout voltage of the device is 100 mV at
light loads and rising to 700 mv at maximum
output current. A second low current input is
required to achieve this dropout. The CS5203
can also be used as a single supply device
Adjustable or Fixed Output.
Output Current of 3A.
Low Dropout, 700 mV at 3A Ouput Current.
0.04% Line Regulation.
0.1% Load Regulation.
100% Thermal Limit Burn-ln.
Fast Transient Response.
Remote Sensing.
FEATURES
(3 pin version).
Symbol
P D
V IN
T J
T STG
T LEAD
Storage Temperature
Lead Temperature (Soldering, 10sec)
-65 to 15 0
300
Units
W
V
Parameter
Power Dissipation
Input Voltage
Vpo
wer
Vcontrol
Operating Junction Temperature Range
Control Section
Internally Limited
Limi
7
13
0 to 125
0 to 150
Absolute Maximum Ratings
DESCRIPTION
3
2
1
F R O N T V IE W
3 L E A D T O -2 2 0
V IN
V OUT
A D J /G N D
5
4
3
2
1
F R O N T V IE W
5 L E A D T O -220
V P OWE R
V C ONT R OL
A D J U S T /G N D
S E N S E
O U T P U T
5V
3.3V
2.5V,3A
R 1
124
1%
R 2
124
1%
0.1
F
5V
10
F
5V
1 F
10V
150
F
5V
Typical application data
2.5V ,3A regulator
Load
V CONTROL
VPOWER
V
=V
(1+R2/R1)+I
R2
OUT
REF
ADJ
V SENSE
V OUT
Cs5203
Adjust
3
2
1
FRONT VIEW
T0-263
IN
OUT
ADJ/GND
TAB IS
V OUT
Maximum
PowerTransistor


Similar Part No. - CS5203

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5203-1 CHERRY-CS5203-1 Datasheet
165Kb / 8P
3A Adjustable Linear Regulator
Rev. 9/17/97
logo
ON Semiconductor
CS5203-1 ONSEMI-CS5203-1 Datasheet
248Kb / 10P
3.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
logo
Cherry Semiconductor Co...
CS5203-1GDP3 CHERRY-CS5203-1GDP3 Datasheet
165Kb / 8P
3A Adjustable Linear Regulator
Rev. 9/17/97
logo
ON Semiconductor
CS5203-1GDP3 ONSEMI-CS5203-1GDP3 Datasheet
248Kb / 10P
3.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
logo
Cherry Semiconductor Co...
CS5203-1GDPR3 CHERRY-CS5203-1GDPR3 Datasheet
165Kb / 8P
3A Adjustable Linear Regulator
Rev. 9/17/97
More results

Similar Description - CS5203

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1R07A SEME-LAB-IP1R07A Datasheet
32Kb / 3P
3 AMP LOW DROPOUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR
LT1085220M05 SEME-LAB-LT1085220M05 Datasheet
29Kb / 3P
LOW DROPOUT 3 AMP POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
PJ1085 ETC-PJ1085 Datasheet
300Kb / 7P
3 Amp Low Dropout Positive Voltage Regulator
OM7671ST ETC-OM7671ST Datasheet
433Kb / 3P
1.5 AMP AND 3 AMP LOW DROPOUT 3.3 VOLTAGE POSITIVE REGULATOR
logo
M.S. Kennedy Corporatio...
MSK5330-5.0H MSK-MSK5330-5.0H Datasheet
233Kb / 5P
NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
MSK5332-5.0HTG MSK-MSK5332-5.0HTG Datasheet
271Kb / 6P
NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
logo
Anaren Microwave
MSK5330 ANAREN-MSK5330 Datasheet
229Kb / 5P
NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
MSK5332 ANAREN-MSK5332 Datasheet
137Kb / 6P
NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
MSK5940 ANAREN-MSK5940 Datasheet
415Kb / 6P
RAD HARD NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
MSK5971RH ANAREN-MSK5971RH Datasheet
558Kb / 8P
RAD HARD POSITIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com