Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5203 Datasheet(PDF) 4 Page - First Components International

Part # CS5203
Description  3 Amp Low Dropout Postitive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

CS5203 Datasheet(HTML) 4 Page - First Components International

  CS5203 Datasheet HTML 1Page - First Components International CS5203 Datasheet HTML 2Page - First Components International CS5203 Datasheet HTML 3Page - First Components International CS5203 Datasheet HTML 4Page - First Components International CS5203 Datasheet HTML 5Page - First Components International CS5203 Datasheet HTML 6Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
The CS 5203 is designed to make use of multiple power
supplies, to reduce the dropout volta ge. One of the
advantages of the two supply approach is maximizing the
The second supply is at least 1V greater than output
voltage and is providing the power for the control circuitry
and supplies the drive current to the NPN output
transistor. Thi s allows the NPN output transistor to be
driven into saturation. For the control voltage the current
requirement is small equal to about 1% of the output
current. Thi s drive current becomes part of the output
current. The maximum voltage on the Control pin is 12V.
The maximumvoltageat the Power pin is 7V. By typingthe
control and power inputs together the CS5203 can also
be operated as a single supply device. In single supply
operation the dropout will be determined by the minimum
control voltage.
Both the fixed and adjustable versions have remote sense
pins, per mitting very accurate regulation of output
voltage.
As a result, over an output current range of
100mA to 3A , the typical load regulation is less than 1mV.
For the fixed voltages the adjust pin is brought out
allowing the user to improve transient response by
bypassing the internal resistor divider. Optimum transient
response is provided using a capacitor in the range of
0.1 F to 1 F f or bypassingthe A djust pin.
In add ition to the enhancements mentioned, the
reference accuracy has been improved a factor of two
with a guaranteed ini tial tolerance of
1% at 25
and
1.6% accuracy over the ful l temperature and load current
range
Typical applications for the CS 5203 include 3.3V to 2.5V
conversion w ith a 5V control supply, 5V to 4. 2V
conversion with a 12V control supply or 5V to 3. 6V
conversion with a 12V control supply. The dev ice is fully
protected against overcurrent and ov ertemperature
conditions.
The CS 5203 allows true Kelvin sensing for both the high
and low side of the load. A s a result the voltage regulation
at theload can be easily optimized. V oltage drops dueto
parasitic resistances between the regulator and the load
can be placed inside the regulation loop. The advantages
of remote sensing are illustrated in figures 1 through 3.
Figure 1 shows the device connected as a conventional 3
terminal regulator with the Sense lead connected directly
to theoutput of the device. Rp is theparasitic resistance
of theconnections betweenthe device and the load .
TraceA of figure3 illustrates the effect of Rp.
Figure 2 shows the device connected to take advantage
of the remote sense feature. The Sense pin and the top
of the resistor divider are connected to the top of the
load; the bottom of the resistor divider is connected to
the bottom of the load. The effect onoutput regulation
can be seen in trace B of figure 3.
It i s important to note that thevoltage drops due to Rp ,
are noteliminated; they will addto thedropout voltage of
the regulator regardless. The CS 5203 can control the
voltageat the load as long as the input-output voltageis
greater than the total of the dropoutvoltage of the device
plus the voltagedrop across Rp .
Th e c ircuit desi gn used in the CS 520 3 series requires the
use of an output capa citor as part of the de vice frequency
compensat ion.
Th e addition of 150
F aluminum
ele ctrolytic or a 22
F sol id tantalum on the output will
ensure stability for all operating conditions.
A pplic a tio n I n fo r m a tio n
Grounding and Output Sencing
S ta bil ity
C O N TRO L
C O N TR O L
5. 0V
5. 0V
3. 3V
3. 3V
R 2
R 2
(
I
)(
R )
O U T
P
R 1
R 1
R p
R p
R
R
C S 5203
C S 5203
AD J
AD J
P O W E R
P O W E R
S E NS E
S E NS E
O UT P UT
O UT P UT
F igure 1 . C onve nt ional Load Sen si ng
F igure 2 . Remote Load Sensing
F igure 3 . R em ote Sen si ng Im proves Loa d Regulation
LOAD
LOAD
TI ME
A
B
V O UT
F IG U R E 1
V O UT
F IG U R E 2
IO UT
CS-5203 3 Amp Low Dropout Positive Voltage Regulator
efficiency.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com