Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5203 Datasheet(PDF) 5 Page - First Components International

Part # CS5203
Description  3 Amp Low Dropout Postitive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

CS5203 Datasheet(HTML) 5 Page - First Components International

  CS5203 Datasheet HTML 1Page - First Components International CS5203 Datasheet HTML 2Page - First Components International CS5203 Datasheet HTML 3Page - First Components International CS5203 Datasheet HTML 4Page - First Components International CS5203 Datasheet HTML 5Page - First Components International CS5203 Datasheet HTML 6Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
The CS5203 (adjustable version) develops a 1.25V
reference voltage between the Sense pin and the Adjust
pin (Figure 4). Placing a resistor between these two
terminals causes a constant current to flow through R1
and down through R2 to set the output voltage. In general
R1 is chosen so that this current is the specified minimum
loadcurrentof 5 mA. The currentoutof the Adjust pin is
small, typically 50 A and
For best regulation the top of the resistor divider should
be connected directly to the Sense pin.
In normal operation the CS5203 family does not need any
protection diodes between the adjustment pin and the
output and from the output to the input to prevent die
overstress. Internal resistors limit the internal
current paths on the ADJ pin.Therefore even with bypass
capacitors on the adjust pin no prote ction diode is
needed to ensure device safety under short-circuit
conditions. The Adjust pin can be driver on a transient
basis 7V with respect to the output without any device
degradation.
A protection diode betweenthe Output pin and V POWER
pin is not usually needed. Micros econd surge currents of
50A to 100A can be handled by the internal diode
between the Output pin and VPOWER
pin of the device.
Output Voltage
Protection Diodes
surge currents even with the use of large output
capacitances. Only with high value output capacitors,
such as 1000
F to 500 0
F and the V
pin is
POWER
instantaneously shorted to ground, damage can occur.
A diode from output to input is recommended (Fig. 5)
If CS5203 is connected as a single supply device with the
control and power input pins shorted to get the internal
diode between the output and the power input pin
will protect the control input pin.
The CS 5203 series have internal power and thermal
limiting circuitry designed to protect the device under
overload conditions. However maxium junction
temperature ratings should not be exceeded under
continuous normal load conditions.Careful consideration
must be given to all sources ofthermal resistance from
junction to ambient, including junction-to-case, case-to-
heatsink interface and heat sink resistance itself. Junction
temperature of the Control section can run up to
125
. Junction temperature of the Power section can
run up to 150
.
T h e r m a l C o n s id e r a tio n s
CONTROL
CONTROL
R 2
R 2
R 1
R 1
D 1
D 2
V OU T
V OU T
V CONTROL
V
V POWER
V POW ER
C S 5203
C S 5203
AD J
AD J
P O W E R
P O W E R
O UT P UT
O UT P UT
S E NS E
S E NS E
F igure 4 . Setting Output Voltage
V
=
V
(1+R2/R1)+
I
R2
ADJ
OUT
REF
F igure 5 . Optional Clamp Diodes Protect against Input
Crowbar Circuits
+
+
+
+
+
+
IADJ
50
A
V REF
V REF
CS-5203 3 Amp Low Dropout Positive Voltage Regulator
control
In normal operations it is difficult to get those values of
it adds to the current from R1.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com