Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCS9888 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADCS9888
Description  205/170/140 MSPS Video Analog Front End
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADCS9888 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button ADCS9888 Datasheet HTML 16Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 17Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 18Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 19Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 20Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 21Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 22Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 23Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Configuration Register Descriptions (Continued)
Address
(Hex)
Write/Read
or Read Only
Bits
POR Value
Name
Bit Name/Description
0FH
W/R
7
0*******
Clamp Control
Clamp Select. 0 = clamp timing determined by internal
chip counters derived from hsync. 1 = clamp timing
determined by external CLAMP signal.
6
*1******
CLAMP Polarity. 0 active high, 1 = active low. This bit
only has effect if Register 0FH, bit7=1.
5
**0*****
COAST Control COAST Select. 0 = COAST input pin is PLL coast
source. 1 = VSYNC is PLL coast source.
4
***0****
COAST Polarity Override. 0 = determined by chip. 1 =
determined by Register 0FH, bit 3.
3
****1***
COAST Polarity. 0 = active low, 1 = active high. This bit
only has an effect when Register 0FH, bit5=0,and
Register 0FH bit4=1.
2
*****1**
Seek Override
Seek Mode Override. 0 = don’t allow low power mode.
1 = allow low power mode when sync inputs inactive. In
seek mode operation the HSOUT, VSOUT, DATACK
and DATACK, and all 48 data outputs are placed in a
high impedance state. The SOGOUT pin is still active.
The voltage references, sync detection and processing,
and serial register sub-system (for obvious reasons) are
maintained in an active state to provide a rapid
transition to normal operation.
1
******1*
PWRDN
Full chip power down. 0 = power down. 1 = normal
operation. In power down mode, the HSOUT, VSOUT,
DATACK, DATACK, and all 48 data outputs are placed
in a high impedance state. The SOGOUT pin is still
active. The voltage reference, sync detection and
processing, and serial register sub-system (for obvious
reasons) are maintained in an active state to provide a
rapid transition to normal operation.
10H
W/R
7:3
01111***
Sync-On-Green
Threshold
Set the voltage of the sync slicer threshold. 00H to 1FH.
LSB size is 10 mV. Setting of 00h gives a nominal
threshold of 10 mV, while maximum setting of 1FH
gives a nominal threshold of 330 mV. Optimal settings
will be lower than those used with the Analog Devices
AD9888.
2
*****0**
Red Clamp
Select
0 = clamp to ground. 1 = clamp to R
MIDSCV.
1
******0*
Blue Clamp
Select
0 = clamp to ground. 1 = clamp to B
MIDSCV.
11H
W/R
7:0
00100000
Sync Separator
Threshold
Sets how many internal 5 MHz clock periods the sync
separator will count to before toggling high or low. This
value should be set to some amount greater than the
widest expected hsync or equalization pulse width.
12H
W/R
7:0
00000000
Pre-coast
Sets the number of Hsync periods that the PLL coast
becomes active prior to Vsync. This setting is only valid
when Vsync is used as the PLL coast source.
13H
W/R
7:0
00000000
Post-Coast
Sets the number of Hsync periods that the PLL coast
stays active after Vsync becomes inactive. This setting
is only valid when Vsync is used as the PLL coast
source.
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com