Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCS9888 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADCS9888
Description  205/170/140 MSPS Video Analog Front End
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADCS9888 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button ADCS9888 Datasheet HTML 14Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 15Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 16Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 17Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 18Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 19Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 20Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 21Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Configuration Register Descriptions
Address
(Hex)
Write/Read
or Read Only
Bits
POR Value
Name
Bit Name/Description
00H
RO
7:0
Revision
Chip Revision
8 bit value that indicates the silicon version. 00000000 =
Rev. 0
01H
W/R
7:0
01101001
PLL Divisor
MSB
The upper 8 MSBs of the 12 bit PLL divider value.
Larger divisors cause the PLL to generate a higher
frequency clock. This register should be loaded first,
then register 02H, whenever the divider is changed. The
PLL divider value is only updated when the LSB value
in register 02H is updated. The actual PLL divider value
= (PLL register value + 1), so setting a value of 1055d
in registers 01H and 02H will result in a divide value of
1056.
02H
W/R
7:4
1101****
PLL Divisor
LSB
Lower 4 LSBs of the 12 bit PLL divisor value. See
register 01H.
03H
W/R
7:6
01******
VCO
RNG/CPMP
Sets the VCO frequency range for the desired pixel
rate.
00=15-41MHz
01=41-82MHz
10 = 82 - 150 MHz
11 = 150+ MHz
5:3
**001***
Sets the VCO charge pump current for the desired pixel
rate.
000=50µA
001 = 100 µA
010 = 150 µA
011 = 250 µA
100 = 350 µA
101 = 500 µA
110 = 750 µA
111 = 1500 µA
04H
W/R
7:3
10000***
Sample Phase
Adjust
5 bit value that adjusts the ADC sample timing relative
to HSYNC. LSB = 1/32 of one pixel period or 11.25
degrees of phase. The power up default value is 16D.
05H
W/R
7:0
00001000
Clamp
Placement
Sets the Clamp starting point N pixel periods after the
trailing edge of the Hsync signal. Settings from 1 to 255
are legal values for Clamp Placement. DO NOT SET =
0.
06H
W/R
7:0
00010100
Clamp Duration Sets the Clamp duration to N pixel periods. Settings
from 1 to 255 are legal values. DO NOT SET = 0.
07H
W/R
7:0
00100000
HSOUT
Pulsewidth
Sets the number of pixel periods that HSOUT is active.
The leading edge of HSOUT is set by an internally
generated phase-adjusted PLL output. The chip then
counts the number of pixel periods set by HSOUT
Pulsewidth and triggers the trailing edge of HSOUT.
08H
W/R
7:0
10000000
Red Gain
Controls the ADC input range for the RGB video inputs.
Default setting provides a nominal signal range of 0.7
V
PP. Higher settings increase the signal range up to 1.0
V
PP typ. Lower settings reduce the signal range to a
minimum of 0.5 V
PP typ.
09H
W/R
7:0
10000000
Green Gain
0AH
W/R
7:0
10000000
Blue Gain
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com