Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCS9888 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADCS9888
Description  205/170/140 MSPS Video Analog Front End
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADCS9888 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button ADCS9888 Datasheet HTML 23Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 24Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 25Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 26Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 27Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 28Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 29Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 30Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
Application Information (Continued)
4.1.6 Pre-Coast and Post-Coast
When Vsync is used as the coast source, the coast signal
can be extended earlier and later by setting the Pre-Coast
and Post-Coast settings in Registers 12h and 13h. This
feature requires the chip to calculate the number of Hsync
pulses (lines) per Vsync (frame). An 11 bit counter is pro-
vided to support frame sizes up to 2048 lines (active lines
plus vertical blanking overhead).
Once the frame size has been calculated, the chip will an-
ticipate when the next VSYNC begins, and the coast signal
can be generated up to 255 lines earlier than the anticipated
Vsync. Similarly, the Post-coast setting allows the PLL coast
signal to be maintained as many as 255 lines following the
de-assertion of Vsync.
4.1.7 Coast Polarity Detection
The coast signal input to the Clock Generator can be an
active high or active low signal. A polarity detection circuit
determines the polarity of the Coast signal. The polarity is
determined by observing the high/low duty cycle of the
COAST signal to determine whether the signal is mostly high
or mostly low. If the signal is mostly low, then the polarity is
set as Positive. If the signal is mostly high, then the polarity
is set to Negative. (0 = Negative, 1 = Positive) The results of
this detection are sent to Register 14h, Bit 0.
Clock Generation Setting
Mode
Resolution
(Pixel/Lines)
Refresh
Rate
Hz
HSYNC
Frequency
kHz
Pixel
Rate
MHz
VCO
RNGE
VCO
CPMP
PLL
DIV Setting
VGA
640 x 480
60
31.5
25.175
00
010
799
72
37.7
31.500
00
011
831
75
37.5
31.500
00
011
839
85
43.3
36.000
00
011
831
SVGA
800 x 600
56
35.1
36.000
00
011
1023
60
37.9
40.000
00
011
1055
72
48.1
50.000
01
011
1039
75
46.9
49.500
01
011
1055
85
53.7
56.250
01
011
1047
XGA
1024 x 768
60
48.4
65.000
01
011
1343
70
56.5
75.000
01
100
1327
75
60.0
78.750
01
100
1311
80
64.0
85.500
10
011
1335
85
68.3
94.500
10
011
1375
SXGA
1280 x 1024
60
64.0
108.000
10
011
1687
75
80.0
135.000
10
101
1687
85
91.1
157.500
11
100
1727
UXGA
1600 x 1200
60
75.0
162.000
11
100
2159
65
81.3
175.500
11
100
2159
70
87.5
189.000
11
100
2159
75
93.8
202.500
11
101
2159
85
106.3
229.500
*
10
101
1079
Note: * Alternate pixel sampling mode. See section 4.2.1
www.national.com
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com