Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCS9888 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADCS9888
Description  205/170/140 MSPS Video Analog Front End
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADCS9888 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button ADCS9888 Datasheet HTML 5Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 6Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 7Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 8Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 9Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 10Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 11Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 12Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
AC Electrical Characteristics
The following specifications apply for GND=0V,V
D =VDD =PVD = +3.3 VDC, ADC Clock = 205 MHz, unless otherwise speci-
fied. Boldface limits apply for T
A =TMIN to TMAX; all other limits TA = 25˚C.
Symbol
Parameter
Conditions
Min
(Note 9)
Typical
(Note 8)
Max
(Note 9)
Units
Maximum Conversion Rate
Full Temp. Range
140
170
205
MSPS
Minimum Conversion Rate
Full Temp. Range (Note 12)
10
MSPS
Data to Clock Skew
Full Temp. Range
0.9
ns
t
BUFF
Full Temp. Range
4.7
µs
t
STAH
Full Temp. Range
4.0
µs
t
DHO
Full Temp. Range
0
µs
t
DAL
Full Temp. Range
4.7
µs
t
DAH
Full Temp. Range
4.0
µs
t
DSU
Full Temp. Range
259
ns
t
STASU
Full Temp. Range
4.7
µs
t
STOSU
Full Temp. Range
4.0
µs
HSYNC Input Frequency
Full Temp. Range
15
110
kHz
Maximum PLL Clock Rate
Full Temp. Range
100/140
170
205
MHz
Minimum PLL Clock Rate
Full Temp. Range
15
MHz
PLL Jitter
25˚C (Note 12)
570
800
ps p-p
Sampling Phase Tempco
Full Temp. Range (Note 12)
15
ps/˚C
DC and Logic Electrical Characteristics
The following specifications apply for GND=0V,V
D =VDD =PVD = +3.3 VDC, ADC Clock = 205 MHz, unless otherwise speci-
fied. Boldface limits apply for T
A =TMIN to TMAX; all other limits TA = 25˚C.
Symbol
Parameter
Conditions
Min
(Note 9)
Typical
(Note 8)
Max
(Note 9)
Units
DIGITAL INPUT CHARACTERISTICS
V
IN(1)
Logical “1” Output Voltage
2.5
V
V
IN(0)
Logical “0” Output Voltage
0.8
V
I
IH
Input Leakage Current
(Note 12)
−1.0
µA
I
IL
Input Leakage Current
(Note 12)
1.0
µA
C
IN
Input Capacitance
3
pF
DIGITAL OUTPUT CHARACTERISTICS
V
OUT(1)
Logic “1” Output Voltage
V
DD-0.1
V
V
OUT(0)
Logic “0” Output Voltage
0.1
V
Duty Cycle DATACK,
DATACK_B
(Note 12)
44
49
55
%
Output Coding
Binary
POWER SUPPLY CHARACTERISTICS
V
D Supply Voltage
(Note 12)
3.0
3.3
3.6
V
V
DD Supply Voltage
(Note 12)
2.2
3.3
3.6
V
PV
D Supply Voltage
(Note 12)
3.0
3.3
3.6
V
I
D
Core Supply Current
25˚C - 140 MSPS
259
mA
25˚C - 170 MSPS
275
25˚C - 205 MSPS
316
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com