Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCS9888 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADCS9888
Description  205/170/140 MSPS Video Analog Front End
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADCS9888 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button ADCS9888 Datasheet HTML 2Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 3Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 4Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 5Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 6Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 7Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 8Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 9Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Pin Descriptions (Continued)
Pin
Label
Type
Description
Data Clock Output
123
DATACK
Digital
Output
Data Output Clock. Complementary data clocks are provided so that output
data and HSOUT can be synchronously captured by external logic or
memory devices. The clock outputs are synchronous with the internal pixel
sample clock. As the sampling phase is adjusted, the DATACK, data, and
HSOUT signals all shift together with the sampling interval. When the chip
is in power down or seek mode, the DATACK outputs enter a high
impedance state.
124
DATACK_B Digital
Output
Data Output Clock Invert. See DATACK description.
Data Outputs
113-120
D
R_A(7:0)
Digital
Output
Red Port A (V or U/V) Output Data. Converted pixel data is presented at
the data output port synchronous with the DATACK and HSOUT signals.
As the pixel sample phase is adjusted, the HSOUT, DATACK and data
outputs all shift together. In single channel mode, all data is presented at
the A output ports. In dual channel mode, output data is presented at A
and B outputs, either in alternating (interleaved mode) or simultaneous
(parallel mode ) timing. When 4:2:2 pulldown mode is enabled, only the A
ports are used, with U/V data output on Red Port A, and Y data output on
Green Port A. When the chip is in seek mode, or low power mode, all data
outputs are placed in a high impedance state. See the applications section
and configuration registers section for more information.
103-110
D
R_B(7:0)
Digital
Output
Red Port B (V) Output Data. See D
R_A(7:0).
90-97
D
G_A(7:0)
Digital
Output
Green Port A (Y) Output Data. See D
R_A(7:0).
80-87
D
G_B(7:0)
Digital
Output
Green Port B (Y) Output Datasheet. See D
R_A(7:0).
70-77
D
B_A(7:0)
Digital
Output
Blue Port A (U) Output Data. See D
R_A(7:0).
57-64
D
B_B(7:0)
Digital
Output
Blue Port B (U) Output Data. See D
R_A(7:0).
Voltage Reference Bypass
2
REF
BYPASS
Analog
Bypass
Internal Reference Bypass. A 0.1 µF capacitor will be connected from this
pin to ground, to provide a low impedance decoupling for the internal
1.23V bandgap voltage reference.
9R
MIDSCV
(NC)
Analog
Bypass
Red (V) Channel midscale Voltage Bypass. No external bypass is required
for the midscale voltage. Therefore, this pin is not connected to the internal
circuitry. To maintain compatibility with other designs external capacitors
can be connected without affecting operation, performance, or reliability.
24
B
MIDSCV
(NC)
Analog
Bypass
Blue (U) Channel midscale Voltage Bypass. No external bypass is required
for the midscale voltage. Therefore, this pin is not connected to the internal
circuitry. To maintain compatibility with other designs external capacitors
can be connected without affecting operation, performance, or reliability.
PLL Loop Filter
50
FILT
PLL VCO
Bypass
Phase Locked Loop - Voltage Controlled Oscillator filter connection. An
R/C filter circuit is used to maintain the VCO control voltage. This circuit
should be isolated from all other circuitry to minimize clock jitter. The circuit
is connected to the PV
D bus to provide the maximum isolation from noisy
power and ground buses. Refer to the applications section for more
information.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com