Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCS9888 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADCS9888
Description  205/170/140 MSPS Video Analog Front End
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADCS9888 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button ADCS9888 Datasheet HTML 15Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 16Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 17Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 18Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 19Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 20Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 21Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 22Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Configuration Register Descriptions (Continued)
Address
(Hex)
Write/Read
or Read Only
Bits
POR Value
Name
Bit Name/Description
0BH
W/R
7:1
1000000*
Red Offset
Controls the DC offset correction prior to analog to
digital conversion. Default setting is for no offset.
Settings higher than 10H make resulting image less
bright, settings lower than 10H makes image more
bright. Absolute offset amount is also dependent on
setting of corresponding gain channel. See description
of Offset/Gain functions for more information.
OCH
W/R
7:1
1000000*
Green Offset
ODH
W/R
7:1
1000000*
Blue Offset
OEH
W/R
7
0*******
Sync Control
Hsync Polarity Override. 0 = polarity determined by
chip, 1 = polarity set by Register 0EH, bit 6.
6
*1******
Hsync Input Polarity. 0 = active low, 1 = active high.
5
**0*****
Hsync Output Polarity. 0 = logic high HSOUT, 1 = logic
low HSOUT.
4
***0****
Active Hsync Override. 1 = Hsync source determined by
user setting in Register 0EH, bit 3. 0 = determined by
chip results in Register 14H, bit 6.
3
****0***
Active Hsync Select. 0 = HSYNC input is Hsync source.
1 = output of SOGIN sync slicer is Hsync source. This
bit only takes effect if Register 0EH bit 4 is 1, or if both
Hsync sources are active.
2
*****0**
Vsync Output Invert. 0 = inverted. 1 = not inverted.
1
******0*
Active Vsync Override. 1 = source determined by user
setting in Register 0EH, bit 0. 0 = source determined by
chip results in Register 14H, bit 3.
0
*******0
Active Vsync Select. 0 = VSYNC input is Vsync source.
1 = Sync separator output is Vsync source. This bit only
has effect if Register 0EH, bit1=1.
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com