Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4723P Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT4723P
Description  Dual Output AMOLED Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4723P Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT4723P Datasheet HTML 1Page - Richtek Technology Corporation RT4723P Datasheet HTML 2Page - Richtek Technology Corporation RT4723P Datasheet HTML 3Page - Richtek Technology Corporation RT4723P Datasheet HTML 4Page - Richtek Technology Corporation RT4723P Datasheet HTML 5Page - Richtek Technology Corporation RT4723P Datasheet HTML 6Page - Richtek Technology Corporation RT4723P Datasheet HTML 7Page - Richtek Technology Corporation RT4723P Datasheet HTML 8Page - Richtek Technology Corporation RT4723P Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
RT4723P
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4723P-00
December
2016
www.richtek.com
5
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Positive Output Current
Capability
IOP_MAX
--
--
30
mA
Positive Output Voltage Ripple
VOP_RIPPLE IOP = 20mA
(Note 5)
--
10
--
mV
Line Regulation
VOP_LINE
VIN = 2.9 to 4.5V,
IOP = 20mA
(Note 5)
--
5
--
mV
Load Regulation
VOP_LOAD
IOP = 0mA to 30mA
(Note 5)
--
5
--
mV
Fast Discharge Resistance
RDISP
--
105
--
Short Circuit Protection
VSCP1
--
< 80%
VOP
--
V
Charge Pump Output
Negative Output Voltage
Range
VON
2.4
--
0.6
V
Negative Output Voltage
Setting Range
VON_SET
Per step
--
100
--
mV
Negative Output Voltage
Accuracy
VON_ACC
1
--
1
%
Negative Output Current
Capability
ION_MAX
(Note 5)
--
--
30
mA
Negative Charge Pump
Switching Frequency
fOSC_N
--
500
--
kHz
Negative Output Voltage
Ripple
VON_RIPPLE ION = 20mA
(Note 5)
--
20
--
mV
Line Regulation
VON_LINE
VIN = 2.9 to 4.5V,
ION = 20mA
(Note 5)
--
10
--
mV
Load Regulation
VON_LOAD
ION = 0mA to 30mA
(Note 5)
--
30
--
mV
Fast Discharge Resistance
RDISN
--
60
--
Short Circuit Protection
VSCP2
--
> 80%
VON
--
V
Logic Input (SWIRE)
SWIRE Turn-off Detection
Time
Toff_dly
350
--
--
s
SWIRE Signal Stop Indicate
Time
Tstop
350
--
--
s
Twait after Data
Twait_int
10
--
--
ms
Rising Input High Threshold
Voltage Level
VIH
1.2
--
VIN
V
Falling Input Low Threshold
Voltage Level
VIL
0
--
0.4
V
SWIRE Pull Low Resistor
RSWIRE
--
300
--
k
Wake up Delay
Twkp
--
--
1
s
SWIRE Rising Time
TR
--
--
200
ns
SWIRE Falling Time
TF
--
--
200
ns
Clocked SWIRE High
TON
2
10
40
s
Clocked SWIRE Low
TOFF
2
10
40
s
SWIRE to VOP On Time
TVOP_ON
--
1.6
--
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com