Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4723P Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT4723P
Description  Dual Output AMOLED Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4723P Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT4723P Datasheet HTML 7Page - Richtek Technology Corporation RT4723P Datasheet HTML 8Page - Richtek Technology Corporation RT4723P Datasheet HTML 9Page - Richtek Technology Corporation RT4723P Datasheet HTML 10Page - Richtek Technology Corporation RT4723P Datasheet HTML 11Page - Richtek Technology Corporation RT4723P Datasheet HTML 12Page - Richtek Technology Corporation RT4723P Datasheet HTML 13Page - Richtek Technology Corporation RT4723P Datasheet HTML 14Page - Richtek Technology Corporation RT4723P Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
RT4723P
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4723P-00
December
2016
www.richtek.com
11
Application Information
The RT4723P is a highly integrated Boost, LDO and
inverting charge pump to generate positive and
negative output voltages for AMLOED bias. It can
support input voltage range from 2.5V to 4.6V and the
output current up to 30mA. The VOP positive output
voltage is generated from the LDO supplied from a
synchronous Boost converter, and VOP is set at a
typical value of 4.6V. The Boost converter output also
drives an inverting charge pump controller to generate
VON negative output voltage which is set at a typical
value of
2.4V. The negative output voltage can be
programmed
through
the
dedicated
pin
which
implements single wire protocol and the available
voltage range is from
0.6V to 2.4V with 100mV per
step.
Input Capacitor Selection
Input ceramic capacitor with 4.7
F capacitance is
suggested for applications. For better voltage filtering,
select ceramic capacitors with low ESR, X5R and X7R
types are suitable because of their wider voltage and
temperature ranges.
Boost Inductor Selection
The inductance depends on the maximum input current.
As a general rule, the inductor ripple current range is
20% to 40% of the maximum input current. If 40% is
selected as an example, the inductor ripple current can
be calculated according to the following equations :
OUT
OUT(MAX)
IN(MAX)
IN
L
IN(MAX)
VI
I
=
V
I = 0.4 I

w
here η is the efficiency of the VOP Boost converter,
IIN(MAX) is the maximum input current, and IL is the
inductor ripple current. The input peak current can then
be obtained by adding the maximum input current with
half of the inductor ripple current as shown in the
following equation :
IPEAK = 1.2 x IIN(MAX)
Note that the saturated current of the inductor must be
greater than IPEAK.
The
inductance
can
eventually
be
determined
according to the following equation :
  
2
2
IN
OUT
IN
OUT
OUT(MAX)
OSC
η
V
V
V
L
0.4
V
I
f
where fOSC is the switching frequency. For better
system performance, a shielded inductor is preferred to
avoid EMI problems.
Boost Output Capacitor Selection
The output ripple voltage is an important index for
estimating IC performance. This portion consists of two
parts. One is the product of ripple current with the ESR
of the output capacitor, while the other part is formed
by the charging and discharging process of the output
capacitor. As shown in Figure 1,
VOUT1 can be
evaluated based on the ideal energy equalization.
According to the definition of Q, the
VOUT1 value can
be calculated as the following equation :
OUT
OUT
OUT1
SOC
OUT
OUT1
SOC
OUT
1
Q = I
D
= C
V
f
ID
V
=
fC
 
 
where fOSC is the switching frequency and D is the duty
cycle.
Finally, taking ESR into consideration, the overall
output ripple voltage can be determined by the
following equation :
OUT
OUT
ESR
OUT1
ESR
OSC
OUT
ID
V
= V
+ V
= V
+
fC
where
VESR = ICrms x RCESR
The output capacitor, COUT, should be selected
accordingly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com