Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4723P Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT4723P
Description  Dual Output AMOLED Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4723P Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT4723P Datasheet HTML 1Page - Richtek Technology Corporation RT4723P Datasheet HTML 2Page - Richtek Technology Corporation RT4723P Datasheet HTML 3Page - Richtek Technology Corporation RT4723P Datasheet HTML 4Page - Richtek Technology Corporation RT4723P Datasheet HTML 5Page - Richtek Technology Corporation RT4723P Datasheet HTML 6Page - Richtek Technology Corporation RT4723P Datasheet HTML 7Page - Richtek Technology Corporation RT4723P Datasheet HTML 8Page - Richtek Technology Corporation RT4723P Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
RT4723P
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4723P-00
December
2016
www.richtek.com
1
Dual Output AMOLED Bias
General Description
The RT4723P is a highly integrated Boost, LDO and
inverting charge pump to generate positive and
negative output voltage. The negative output voltages
can be adjusted from
0.6V to 2.4V with 100mV steps
by SWIRE interface protocol. The part maintains the
highest efficiency by utilizing a
0.33x/0.5x mode
fractional charge pump with automatic mode transition.
With its input voltage range of 2.5V to 4.6V, the
RT4723P is optimized for products powered by
single-cell battery and the output current up to 30mA.
The RT4723P is available in WL-CSP-15B 1.39x2.07
(BSC) package to achieve optimized solution for PCB
space.
Ordering Information
Package Type
WSC : WL-CSP-15B 1.39x2.07 (BSC)
RT4723P
Note :
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for
use in
SnPb
or
Pb-free soldering
processes.
Features
2.5V to 4.6V Supply Voltage Range
Single Wire Protocol
Fixed 4.6V Positive Voltage Output
Negative Voltage Output from
0.6V to 2.4V per
0.1V by SWIRE Pin
Auto-Mode Transition of
0.33x/0.5x Charge
Pump
Built-in Soft-Start
30mA Maximum Output Current
Programmable Output Fast Discharge Function
High Impedance Output when IC Shutdown
UVLO, OCP, SCP, OTP Protection
Shutdown Current < 1
A
Available in 15-Ball WL-CSP Package
Applications
AMOLED Bias in Portable Device
Marking Information
4P : Product Code
W : Date Code
4PW
Simplified Application Circuit
BOOST
L1
PGND
VIN
LXP
SWIRE
VOP
VON
C1P
RT4723P
GND
CIN
VIN
CBOOST
VOP
COP
VON
CON
C1N
CF1
C2P
C2N
CF2


Similar Part No. - RT4723P

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT4723 RICHTEK-RT4723 Datasheet
1Mb / 15P
Built-in Soft-Start
More results

Similar Description - RT4723P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5810 ONSEMI-NCP5810 Datasheet
192Kb / 13P
Dual 1 W Output AMOLED Driver Supply
April, 2007 ??Rev. 0
NCP5810D ONSEMI-NCP5810D Datasheet
361Kb / 14P
Dual 1 W Output AMOLED Driver Supply
March, 2008 - Rev. P2
logo
Texas Instruments
TPS65137ADSCR TI-TPS65137ADSCR Datasheet
979Kb / 22P
200mA Dual Output AMOLED Display Power
TPS65631W TI1-TPS65631W Datasheet
1Mb / 26P
Dual-Output AMOLED Display Power Supply
TPS65632 TI1-TPS65632_16 Datasheet
1Mb / 28P
Triple-Output AMOLED Display Power Supply
TPS65138 TI1-TPS65138_16 Datasheet
1Mb / 22P
Dual output AMOLED Display Power Supply
TPS65631 TI1-TPS65631 Datasheet
1Mb / 25P
Dual-Output AMOLED Display Power Supply
logo
MagnaChip Semiconductor...
MAP7102 MGCHIP-MAP7102 Datasheet
1Mb / 17P
Dual Output LCD Bias IC
logo
Lowpower Semiconductor ...
LP6280 POWER-LP6280 Datasheet
781Kb / 12P
Dual Channel Output LCD Bias Power
logo
Kinetic Technologies.
KTD2151 KINETIC-KTD2151 Datasheet
876Kb / 21P
Programmable Dual Output LCD Bias Power
April 2020 - Revision 04f
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com