Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4723P Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT4723P
Description  Dual Output AMOLED Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4723P Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT4723P Datasheet HTML 5Page - Richtek Technology Corporation RT4723P Datasheet HTML 6Page - Richtek Technology Corporation RT4723P Datasheet HTML 7Page - Richtek Technology Corporation RT4723P Datasheet HTML 8Page - Richtek Technology Corporation RT4723P Datasheet HTML 9Page - Richtek Technology Corporation RT4723P Datasheet HTML 10Page - Richtek Technology Corporation RT4723P Datasheet HTML 11Page - Richtek Technology Corporation RT4723P Datasheet HTML 12Page - Richtek Technology Corporation RT4723P Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
RT4723P
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4723P-00
December
2016
www.richtek.com
9
Typical Operating Characteristics
Efficiency vs. Output Current
40
45
50
55
60
65
70
75
80
85
90
0
0.005
0.01
0.015
0.02
0.025
0.03
Output Current (A)
VIN = 4.5V
VIN = 3.7V
VIN = 2.5V
VOP = 4.6, VON = 2.4V
VOP vs. Output Current
4.580
4.585
4.590
4.595
4.600
4.605
4.610
4.615
4.620
0
0.005
0.01
0.015
0.02
0.025
0.03
Output Current (A)
VOP = 4.6, VON = 2.4V
VIN = 2.7V
VIN = 3.7V
VIN = 4.5V
VON vs. Output Current
-2.410
-2.405
-2.400
-2.395
-2.390
-2.385
-2.380
-2.375
-2.370
-2.365
-2.360
0
0.005
0.01
0.015
0.02
0.025
0.03
Output Current (A)
VOP = 4.6, VON = 2.4V
VIN = 4.5V
VIN = 3.7V
VIN = 2.7V
VOP vs. Input Voltage
4.590
4.591
4.592
4.593
4.594
4.595
4.596
4.597
4.598
4.599
4.600
2.5
3.0
3.5
4.0
4.5
5.0
Input Voltage (V)
IOP = 0mA
IOP = 10mA
IOP = 30mA
VOP = 4.6, VON = 2.4V
VON vs. Input Voltage
-2.41
-2.40
-2.39
-2.38
-2.37
-2.36
-2.35
2.5
3
3.5
4
4.5
Input Voltage (V)
VOP = 4.6, VON = 2.4V
IOP = 10mA
IOP = 0mA
IOP = 30mA
VIN = 3.7V, VOP = 4.6V, VON = 2.4V
Power On
Time (1ms/Div)
SWIRE
(4V/Div)
VON
(0.5V/Div)
VOP
(1V/Div)
IVIN
(0.1A/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com