Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4723P Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT4723P
Description  Dual Output AMOLED Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4723P Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT4723P Datasheet HTML 3Page - Richtek Technology Corporation RT4723P Datasheet HTML 4Page - Richtek Technology Corporation RT4723P Datasheet HTML 5Page - Richtek Technology Corporation RT4723P Datasheet HTML 6Page - Richtek Technology Corporation RT4723P Datasheet HTML 7Page - Richtek Technology Corporation RT4723P Datasheet HTML 8Page - Richtek Technology Corporation RT4723P Datasheet HTML 9Page - Richtek Technology Corporation RT4723P Datasheet HTML 10Page - Richtek Technology Corporation RT4723P Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
RT4723P
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4723P-00
December
2016
www.richtek.com
7
Typical Application Circuit
BOOST
L1
PGND
4.7µF
VIN
LXP
SWIRE
VOP
VON
C1P
-0.6V to -2.4V
RT4723P
GND
E3
A2
D3
B2, E1
A1, C2, D2
B1
B3
C1
E2
CIN
VIN
2.5V to 4.6V
2.2µH
D1
VOP
COP
10µF
4.6V
VON
CON1
10µF
C1N
C3
CF1
1µF
C2P
C2N
A3
CF2
1µF
10µF
CBOOST1
10µF
CBOOST2
CON2
10µF
CON3
10µF
Table 1. Component List of Evaluation Board
Reference
Qty.
Part Number
Description
Package
Supplier
CIN
1
GRM188R61C475KAAJ 4.7
F/16V/X5R
0603
Murata
CBOOST1, CBOOST2, COP,
CON1, CON2, CON3
6
GRM188R61A106KE69 10
F/10V/X5R
0603
Murata
CF1, CF2
2
GRM155R61C105KE01
1
F/16V/X5R
0402
Murata
L1
1
GLCLK2R201A
2.2
H
2.5mm x 2.0mm x 1.0mm
ALPS
1269AS-H-2R2M = P2
2.2
H
Murata
Time Diagram
SWIRE Interface
90%
10%
TON
TOFF
TR
TF
Twkp
Power Sequence
SWIRE
VOP
VON
Tss1
≤ 3ms
0
0
0
4.6V
-2.4V
1 2
Tstop > 350
μs
Tss2
≤ 2ms
-1.4V
Twait_int > 10ms
Toff_dly > 350
μs
1.5ms
≤ Tdly ≤ 2.5ms
10 11
…
TVOP_ON
Hi-Z
Hi-Z
VIN
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com