Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4723P Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT4723P
Description  Dual Output AMOLED Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4723P Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT4723P Datasheet HTML 8Page - Richtek Technology Corporation RT4723P Datasheet HTML 9Page - Richtek Technology Corporation RT4723P Datasheet HTML 10Page - Richtek Technology Corporation RT4723P Datasheet HTML 11Page - Richtek Technology Corporation RT4723P Datasheet HTML 12Page - Richtek Technology Corporation RT4723P Datasheet HTML 13Page - Richtek Technology Corporation RT4723P Datasheet HTML 14Page - Richtek Technology Corporation RT4723P Datasheet HTML 15Page - Richtek Technology Corporation RT4723P Datasheet HTML 16Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
RT4723P
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4723P-00
December
2016
www.richtek.com
13
ambient thermal resistance,
JA, is highly package
dependent. For a WL-CSP-15B 1.39x2.07 (BSC)
package, the thermal resistance,
JA, is 49.8C/W on a
standard JEDEC 51-7 high effective-thermal-
conductivity four-layer test board. The maximum power
dissipation at TA = 25C can be calculated as below :
PD(MAX) = (125C  25C) / (49.8C/W) = 2W for a
WL-CSP-15B 1.39x2.07 (BSC) package.
The maximum power dissipation depends on the
operating ambient temperature for the fixed TJ(MAX)
and the thermal resistance,
JA. The derating curves in
Figure 2 allows the designer to see the effect of rising
ambient
temperature
on
the
maximum
power
dissipation.
Figure 2. Derating Curve of Maximum Power
Dissipation
Layout Considerations
For the best performance of the RT4723P, the
following PCB layout guidelines should be strictly
followed.
For good regulation, place the power components as
close to the IC as possible. The traces should be
wide and short especially for the high current output
loop.
The input and output bypass capacitor should be
placed as close to the IC as possible and connected
to the ground plane of the PCB.
The flying capacitor should be placed as close to the
C1P/C1N/C2P/C2N pin as possible to avoid noise
injection.
Minimize the size of the LXP node and keep the
traces wide and short. Care should be taken to avoid
running traces that carry any noise-sensitive signals
near LXP or high-current traces.
Separate power ground (PGND) and analog ground
(GND). Connect the GND and the PGND islands at
a single end. Make sure that there are no other
connections between these separate ground planes.
0.0
0.5
1.0
1.5
2.0
2.5
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com