Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5035B Datasheet(PDF) 39 Page - Richtek Technology Corporation

Part # RT5035B
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035B Datasheet(HTML) 39 Page - Richtek Technology Corporation

Back Button RT5035B Datasheet HTML 35Page - Richtek Technology Corporation RT5035B Datasheet HTML 36Page - Richtek Technology Corporation RT5035B Datasheet HTML 37Page - Richtek Technology Corporation RT5035B Datasheet HTML 38Page - Richtek Technology Corporation RT5035B Datasheet HTML 39Page - Richtek Technology Corporation RT5035B Datasheet HTML 40Page - Richtek Technology Corporation RT5035B Datasheet HTML 41Page - Richtek Technology Corporation RT5035B Datasheet HTML 42Page - Richtek Technology Corporation RT5035B Datasheet HTML 43Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5035A/B-02
February
2017
www.richtek.com
39
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature.
The maximum power dissipation can be calculated by
the following formula :
PD(MAX) = (TJ(MAX)  TA) / JA
where TJ(MAX) is the maximum junction temperature,
TA is the ambient temperature, and JA is the junction to
ambient thermal resistance.
For recommended operating condition specifications,
the maximum junction temperature is 125
C. The
junction to ambient thermal resistance,
JA, is layout
dependent. For WQFN-40L 5x5 package, the thermal
resistance,
JA, is 27.5C/W on a standard JEDEC
51-7 four-layer thermal test board. The maximum
power dissipation at TA = 25C can be calculated by
the following formula :
PD(MAX) = (125C  25C) / (27.5C/W) = 3.63W for
WQFN-40L 5x5 package
The maximum power dissipation depends on the
operating ambient temperature for fixed TJ(MAX) and
thermal resistance,
JA. The derating curve in Figure 1
allows the designer to see the effect of rising ambient
temperature on the maximum power dissipation.
Figure 1. Derating Curve of Maximum Power
Dissipation
Layout Considerations
The PCB layout is an important step to maintain the
high performance of the RT5035A/B. Both the high
current and the fast switching nodes demand full
attention to the PCB layout to save the robustness of
the RT5035A/B through the PCB layout. Improper
layout might show the symptoms of poor line or load
regulation, ground and output voltage shifts, stability
issues,
unsatisfying
EMI
behavior
or
worsened
efficiency. For the best performance of the RT5035A/B,
the following PCB layout guidelines must be strictly
followed.
Place the input and output capacitors as close as
possible to the input and output pins respectively for
good filtering.
Keep the main power traces as wide and short as
possible.
The switching node area connected to LX and
inductor should be minimized for lower EMI.
Place the feedback components as close as possible
to the FB pin and keep these components away from
the noisy devices.
Connect the GND and Exposed Pad to a strong
ground plane for maximum thermal dissipation and
noise protection.
Directly connect
the output
capacitors to the
feedback network of each channel to avoid bouncing
caused by parasitic resistance and inductance from
the PCB trace.
For the 32-kHz oscillator to the best performance,
observe the following guidelines :
Place the crystal and its components close to the
oscillator side and the oscillator pins.
Ensure that the ground plane under the oscillator and
its components are of good quality.
Avoid placing a separate ground under the oscillator
and connecting it to the general ground through a
single point.
Avoid long connections to the crystal and to the load
capacitor that create a large loop on the PCB.
Use a short connection between the two crystal load
capacitors and route the common connection to the
oscillator ground reference.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com