Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5035B Datasheet(PDF) 41 Page - Richtek Technology Corporation

Part # RT5035B
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035B Datasheet(HTML) 41 Page - Richtek Technology Corporation

Back Button RT5035B Datasheet HTML 36Page - Richtek Technology Corporation RT5035B Datasheet HTML 37Page - Richtek Technology Corporation RT5035B Datasheet HTML 38Page - Richtek Technology Corporation RT5035B Datasheet HTML 39Page - Richtek Technology Corporation RT5035B Datasheet HTML 40Page - Richtek Technology Corporation RT5035B Datasheet HTML 41Page - Richtek Technology Corporation RT5035B Datasheet HTML 42Page - Richtek Technology Corporation RT5035B Datasheet HTML 43Page - Richtek Technology Corporation RT5035B Datasheet HTML 44Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5035A/B-02
February
2017
www.richtek.com
41
Max Load of Every Channel
Purpose
RT5035A/B
Current Limit
Max Load
Condition (VIN à VOUT)
VDDM and VMOTOR
CH1
3.5A
1200mA
3V à 5V
VI/O
CH2
3A
900mA
3V à 3.3V
VCORE
CH3
3A
2A
3V à 1.1V
VMEM
CH4
1.5A
700mA
3V à 1.8V
CMOS_D
CH5
1.5A
500mA
3V à 2.2V
CMOS_A
CH6
450mA
300mA
3V à 2.7V
Load SW
SW4
900mA
500mA
1.8V à 1.8V
WLED
CH7
0.8A
30mA
6 WLED
Generic LDO
CH8
300mA
200mA
VIN  VOUT > 150mV
Keep-Alive LDO
CH9
100mA
50mA
VIN
VOUT > 300mV
VMEM
CH10
1.5A
700mA
3V à 1.35V
Protection Act
Protection
Type
Threshold
(Typical Value)
Delay
Time
Protection Method
Reset Method
VDDM
Over Voltage
Protection
VDDM > 6V
100ms
Turn off whole IC,
except CH9 and CH1
in PFM (only for 2AA)
Restart if VDDM < 5.8V
BAT
UVLO
VBAT < 2.4V (RT5035A)
No delay
Disable all channels
Restart if
VBAT > 2.6V (RT5035A),
VBAT > 1.7V (RT5035B)
VBAT < 1.5V (RT5035B)
CH1
Current Limit
(in PFM )
NMOS current > 0.8A
No delay
Turn off NMOS
Reset after min-off-time
finish
VOUT1 OVP
(in PWM)
VOUT1 > 5.8V
100ms
Turn off whole IC,
except CH9 and CH1
in PFM (only for 2AA)
VDDM power reset or
EN = low
OCP
(in PWM)
NMOS current > 3.5A
100ms
Turn off whole IC,
except CH9 and CH1
in PFM (only for 2AA)
VDDM power reset or
EN = low
VOUT1 UVP
(in PWM)
VOUT1< 2.25V
No delay
Turn off whole IC,
except CH9 and CH1
in PFM (only for 2AA)
VDDM power reset or
EN = low
Over-Load
protection
(in PWM)
VOUT1 < target
 0.6V
100ms
Turn off whole IC,
except CH9 and CH1
in PFM (only for 2AA)
VDDM power reset or
EN = low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com