Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5035B Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT5035B
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035B Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT5035B Datasheet HTML 7Page - Richtek Technology Corporation RT5035B Datasheet HTML 8Page - Richtek Technology Corporation RT5035B Datasheet HTML 9Page - Richtek Technology Corporation RT5035B Datasheet HTML 10Page - Richtek Technology Corporation RT5035B Datasheet HTML 11Page - Richtek Technology Corporation RT5035B Datasheet HTML 12Page - Richtek Technology Corporation RT5035B Datasheet HTML 13Page - Richtek Technology Corporation RT5035B Datasheet HTML 14Page - Richtek Technology Corporation RT5035B Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5035A/B-02
February
2017
www.richtek.com
11
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
SYNC Sink Current
--
1
3
A
Thermal Protection
Thermal Shutdown
TSD
125
160
--
°C
Thermal Shutdown Hysteresis
TSD
--
20
--
°C
VNEG Charge Pump
Charge Pump Low Threshold to
Start
NVst
Monitor BAT falling
3.4
3.6
3.8
V
Charge Pump Hysteresis gap to
Stop
NVst
0.1
0.2
0.3
V
(BAT-VNEG) Clamp Level
4.1
4.5
4.9
V
CH8 LDO
Supply Voltage of Ch8
PVDD8
2.7
--
5.5
V
PSRR+ of Ch8
1kHz, IO = 10mA, PVDD8 = 3.6V,
VOUT8 = 3.4V
--
60
--
dB
Ch8 Dropout Voltage
VOUT8 = 3.4V, IO = 100mA
--
40
60
mV
Current Limit of Ch8
ILIM_8
VOUT8 = 3.4V
220
300
380
mA
CH9 Keep-Alive LDO
Supply Voltage of CH9 at VOUT1
Pin
2.4
--
5.5
V
PSRR+ of CH9
1kHz, IO = 1mA, VDDM = 3.1V
--
40
--
dB
CH9 Dropout Voltage
VDDM = 3.1V, IO = 20mA
--
220
300
mV
Current Limit of RTC LDO
ILIM_9
VDDM = 3.1V
50
100
--
mA
RESET Hysteresis Low
RESET falling
2.15
2.2
--
V
RESET Hysteresis High
RESET rising
--
2.4
2.45
V
RESET Rising Delay Time
--
--
0.5
s
CH9 Quiescent Current
Excluding RTC quiescent current
--
10
--
A
RTC
RTC Operation Voltage
1.9
--
3.3
V
RTC Quiescent Current
(Including RTC_UVLO,
RTC_OSC, and Time Counter)
RTCPWR > UVLO threshold XIN
= XOUT = 14pF
--
--
3
A
RTCPWR < UVLO threshold
--
--
0.2
A
RTC Clock
--
32.768
--
kHz
RTC Clock Accuracy
RTCPWR = 1.9V to 3.3V
10
--
10
ppm
RTC Clock Output High
Pin C32K source Out 0.1mA
VDDM
0.3
--
--
V
RTC Clock Output Low
Pin C32K sink 0.1mA
--
--
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com