Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5035B Datasheet(PDF) 29 Page - Richtek Technology Corporation

Part # RT5035B
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035B Datasheet(HTML) 29 Page - Richtek Technology Corporation

Back Button RT5035B Datasheet HTML 25Page - Richtek Technology Corporation RT5035B Datasheet HTML 26Page - Richtek Technology Corporation RT5035B Datasheet HTML 27Page - Richtek Technology Corporation RT5035B Datasheet HTML 28Page - Richtek Technology Corporation RT5035B Datasheet HTML 29Page - Richtek Technology Corporation RT5035B Datasheet HTML 30Page - Richtek Technology Corporation RT5035B Datasheet HTML 31Page - Richtek Technology Corporation RT5035B Datasheet HTML 32Page - Richtek Technology Corporation RT5035B Datasheet HTML 33Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5035A/B-02
February
2017
www.richtek.com
29
Address
Name
Register
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
A6
0X06
Meaning
Reserved Reserved
DIS10
DIS5
DIS4
DIS3
Reversed Reserved
Default
0
0
0
1
1
1
0
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Condition
B
B
B
B
B
B
B
B
DIS10
1 : CH10 would discharge VOUT10 node when it turns off.
0 : CH10 would not discharge VOUT10 node when it turns off.
DIS5
1 : CH5 would discharge VOUT5 node when it turns off.
0 : CH5 would not discharge VOUT5 node when it turns off.
DIS4
1 : CH4 would discharge VOUT4 node when it turns off.
0 : CH4 would not discharge VOUT4 node when it turns off.
DIS3
1 : CH3 would discharge VOUT3 node when it turns off.
0 : CH3 would not discharge VOUT3 node when it turns off.
Address
Name
Register
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
A7
0X07
Meaning
Reserved Reserved Reserved Reserved Reserved
OVP7
Default
0
0
0
0
0
1
1
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Condition
B
B
B
B
B
B
B
B
OVP7
Setting CH7 OVP threshold at VOUT7 node in Step-Up mode (Range : 8V to 25V,
Default = 20V)
Code
Voltage
Code
Voltage
Code
Voltage
Code
Voltage
000
8V
010
12V
100
16V
110
20V
001
10V
011
14V
101
18V
111
25V
Address
Name
Register
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
A8
0X08
Meaning
Reserved
Default
0
0
0
0
0
0
0
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Condition
B
B
B
B
B
B
B
B
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com