Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5035B Datasheet(PDF) 28 Page - Richtek Technology Corporation

Part # RT5035B
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035B Datasheet(HTML) 28 Page - Richtek Technology Corporation

Back Button RT5035B Datasheet HTML 24Page - Richtek Technology Corporation RT5035B Datasheet HTML 25Page - Richtek Technology Corporation RT5035B Datasheet HTML 26Page - Richtek Technology Corporation RT5035B Datasheet HTML 27Page - Richtek Technology Corporation RT5035B Datasheet HTML 28Page - Richtek Technology Corporation RT5035B Datasheet HTML 29Page - Richtek Technology Corporation RT5035B Datasheet HTML 30Page - Richtek Technology Corporation RT5035B Datasheet HTML 31Page - Richtek Technology Corporation RT5035B Datasheet HTML 32Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5035A/B-02
February
2017
28
Address
Name
Register
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
A3
0X03
Meaning
Reserved
VOUT5
VOUT6
Default
0
1
1
0
0
0
1
1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Condition
B
B
B
B
B
B
B
B
VOUT5
Setting of CH5 Output Voltage (Range : 2V to 1.2V, Default = 1.2V)
Code
Voltage
Code
Voltage
Code
Voltage
Code
Voltage
000
2V
010
1.5V
100
1.26V
110
1.2V
001
1.8V
011
1.35V
101
1.23V
111
REF
VOUT6
Setting of CH6 Output Voltage (Range : 3V to 1.2V, Default = 2.7V)
Code
Voltage
Code
Voltage
Code
Voltage
Code
Voltage
0000
3V
0100
2.6V
1000
2.2V
1100
1.7V
0001
2.9V
0101
2.5V
1001
2V
1101
1.5V
0010
2.8V
0110
2.4V
1010
1.9V
1110
1.4V
0011
2.7V
0111
2.3V
1011
1.8V
1111
1.2V
Address
Name
Register
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
A4
0X04
Meaning
VOUT8
DIM7
Default
0
1
0
1
1
1
1
1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Condition
B
B
B
B
B
B
B
B
VOUT8
Setting of CH8 Output Voltage (Range : 5.2V to 1.5V, Default = 5V)
Code
Voltage
Code
Voltage
Code
Voltage
Code
Voltage
000
5.2V
010
5V
100
3.4V
110
3V
001
5.1V
011
3.5V
101
3.3V
111
1.5V
DIM7
Defines LED current dimming ratio of CH7
The dimming ratio is (DIM7 + 1) / 32.
DIM7 define FB7 regulation voltage = 0.3V x (DIM7 + 1) / 32
Address
Name
Register
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
A5
0X05
Meaning
Reserved Reserved Reserved Reserved Reserved
VOUT10
Default
0
0
0
0
0
by SEQ
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Condition
B
B
B
B
B
B
B
B
VOUT10
Setting of CH10 Output Voltage (Range : 1.52V to 1.2V, Default = SEQ Setting)
Code
Voltage
Code
Voltage
Code
Voltage
Code
Voltage
000
1.52V
010
1.37V
100
1.25V
110
1.2V
001
1.5V
011
1.35V
101
1.22V
111
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com