Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5035B Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT5035B
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035B Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT5035B Datasheet HTML 1Page - Richtek Technology Corporation RT5035B Datasheet HTML 2Page - Richtek Technology Corporation RT5035B Datasheet HTML 3Page - Richtek Technology Corporation RT5035B Datasheet HTML 4Page - Richtek Technology Corporation RT5035B Datasheet HTML 5Page - Richtek Technology Corporation RT5035B Datasheet HTML 6Page - Richtek Technology Corporation RT5035B Datasheet HTML 7Page - Richtek Technology Corporation RT5035B Datasheet HTML 8Page - Richtek Technology Corporation RT5035B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5035A/B-02
February
2017
4
Pin No.
Pin Name
Pin Function
28
VOUT8
Regulated output node of CH8 generic LDO. When turning off, RT5035A/B would
discharge CH8 output capacitors internally till VOUT8 < 0.1V. This pin is in high
impedance during shutdown.
29
PVDD8
Power input node of CH8 generic LDO. This pin is in high impedance during
shutdown.
30
LX3
Switch node of CH3. This pin is in high impedance during shutdown.
31
C32K
RTC 32768Hz clock output pin. Its rails are VDDM and GND. When RESET
goes low, C32K outputs low.
32
PVDD3
Power input pin of CH3 and it must connect to the same node as BAT. This pin is
in high impedance during shutdown.
33
VOUT3/FB3
Sense pin of CH3 output voltage. This pin is also the feedback pin for VOUT3 if
I2C is set to use the external resistor. When turning off, the IC discharges CH3
output capacitors internally until VOUT3 < 0.1V. Recommend that output
capacitors are as close as possible to the IC. This pin is in high impedance
during shutdown.
34
RTCGND
Ground pin for RTC timer counter and oscillator.
35
XOUT
Crystal o
utput. This pin’s parasitic capacitance should be kept as low as
possible. Noise interference should also be avoided.
36
XIN
Crystal i
nput. This pin’s parasitic capacitance should be kept as low as possible.
Noise interference should also be avoided.
37
RTCPWR
RTCLDO power pin. Connect this pin to a backup battery
38
VDDM
Regulation voltage output of CH9 keep-alive LDO. It also provides power for all
IC control circuit.
39
SYNC
PLL synchronous input pin.
40
VOUT1
Power output and sense pin for CH1 output voltage. Recommend that output
capacitors are as close to RT5035A/B as possible. This pin is in high impedance
during shutdown.
41
(Exposed Pad)
GND
RT5035A/B power ground and control circuit ground. Exposed PAD should be
soldered to PCB and connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com