Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR79110EL-F Datasheet(PDF) 1 Page - Exar Corporation

Part # XR79110EL-F
Description  22V, 10A Synchronous Step Down COT Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR79110EL-F Datasheet(HTML) 1 Page - Exar Corporation

  XR79110EL-F Datasheet HTML 1Page - Exar Corporation XR79110EL-F Datasheet HTML 2Page - Exar Corporation XR79110EL-F Datasheet HTML 3Page - Exar Corporation XR79110EL-F Datasheet HTML 4Page - Exar Corporation XR79110EL-F Datasheet HTML 5Page - Exar Corporation XR79110EL-F Datasheet HTML 6Page - Exar Corporation XR79110EL-F Datasheet HTML 7Page - Exar Corporation XR79110EL-F Datasheet HTML 8Page - Exar Corporation XR79110EL-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
XR79110
22V, 10A Synchronous Step Down COT Power Module
exar.com/XR79110
Rev 2B
1 / 19
© 2015-2017 Exar Corporation
General Description
The XR79110 is a 10A synchronous step-down Power Module for point-of
load supplies. A wide 4.5V to 22V input voltage range allows for single
supply operation from industry standard 5V, 12V, and 19.6V rails.
With a proprietary emulated current mode Constant On-Time (COT) con-
trol scheme, the XR79110 provides extremely fast line and load transient
response using ceramic output capacitors. It requires no loop compensa-
tion hence simplifying circuit implementation and reducing overall compo-
nent count. The control loop also provides 0.35% load and 0.1% line
regulation and maintains constant operating frequency. A selectable
power saving mode allows the user to operate in discontinuous mode
(DCM) at light current loads thereby significantly increasing the converter
efficiency. With a 96% peak efficiency and 90% for loads as low as
100mA, the XR79110 is suitable for applications where low power losses
are important.
A host of protection features, including over-current, over-temperature,
short-circuit and UVLO, help achieve safe operation under abnormal
operating conditions.
The XR79110 is available in a RoHS compliant, green/halogen free
space-saving 72-pin 10x10x4mm QFN package with a 260°C lead solder
temperature. With integrated controller, drivers, bootstrap diode and
capacitor, MOSFETs, inductor, CIN and COUT, this solution allows the
smallest possible 10A POL design
.
FEATURES
Controller, drivers, bootstrap diode and capaci-
tor, MOSFETs, Inductor, CIN and COUT inte-
grated in one package
10A Step Down Module
Wide 4.5V to 22V Input Voltage Range
>
0.6V Adjustable Output Voltage
Proprietary Constant On-Time Control
No Loop Compensation Required
Stable Ceramic Output Capacitor Operation
Programmable 200ns to 2μs On-Time
Constant 400kHz to 600kHz Frequency
Selectable CCM or CCM/DCM
CCM/DCM for high efficiency at light-load
CCM for constant frequency at light-load
Programmable Hiccup Current Limit with Ther-
mal Compensation
Precision Enable and Power Good flag
Programmable Soft-start
72-pin 10x10x4mm QFN package 260°C solder
temperature
APPLICATIONS
Networking and Communications
Fast Transient Point-of-Loads
Industrial and Medical Equipment
Embedded High Power FPGA
Ordering Information – back page
Typical Application
1.180
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
4
6
8 1012 1416 182022
VIN (V)
PGND
FB
ILIM
SW
XR79110
VIN
EN/MODE
PGOOD
VCC
SS
TON
AGND
CSS
RON
CVCC
Enable/Mode
Power Good
R3
VIN
VOUT
RLIM
R1
R2
COUT
CIN
PVIN
VOUT
Line Regulation


Similar Part No. - XR79110EL-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR79110EL-F EXAR-XR79110EL-F Datasheet
1Mb / 20P
22V, 10A Synchronous Step Down COT Power Module
More results

Similar Description - XR79110EL-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR79103 EXAR-XR79103 Datasheet
1Mb / 9P
22V, 3A Synchronous Step-Down COT Power Module
XR79106 EXAR-XR79106 Datasheet
2Mb / 19P
22V, 6A Synchronous Step-Down
XR79110 EXAR-XR79110 Datasheet
1Mb / 20P
22V, 10A Synchronous Step Down COT Power Module
XR79115 EXAR-XR79115 Datasheet
2Mb / 19P
22V, 15A Synchronous Step Down COT Power Module
XR79120 EXAR-XR79120 Datasheet
2Mb / 19P
22V, 20A Synchronous Step Down COT Power Module
XRP6141 EXAR-XRP6141 Datasheet
1Mb / 14P
35A Synchronous Step Down COT Controller
XR79103EL-F EXAR-XR79103EL-F Datasheet
2Mb / 20P
22V, 3A Synchronous Step-Down COT Power Module
XR79206EL-F EXAR-XR79206EL-F Datasheet
2Mb / 20P
40V, 6A Synchronous Step-Down COT Power Module
XRP6141 EXAR-XRP6141_17 Datasheet
1Mb / 14P
35A Synchronous Step Down COT Controller
logo
TECHCODE SEMICONDUCTOR,...
TD2776B TECHCODE-TD2776B Datasheet
935Kb / 14P
22V Synchronous Rectified Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com