Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR79110EL-F Datasheet(PDF) 2 Page - Exar Corporation

Part # XR79110EL-F
Description  22V, 10A Synchronous Step Down COT Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR79110EL-F Datasheet(HTML) 2 Page - Exar Corporation

  XR79110EL-F Datasheet HTML 1Page - Exar Corporation XR79110EL-F Datasheet HTML 2Page - Exar Corporation XR79110EL-F Datasheet HTML 3Page - Exar Corporation XR79110EL-F Datasheet HTML 4Page - Exar Corporation XR79110EL-F Datasheet HTML 5Page - Exar Corporation XR79110EL-F Datasheet HTML 6Page - Exar Corporation XR79110EL-F Datasheet HTML 7Page - Exar Corporation XR79110EL-F Datasheet HTML 8Page - Exar Corporation XR79110EL-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
XR79110
2 / 19
exar.com/XR79110
Rev 2B
© 2015-2017 Exar Corporation
Absolute Maximum Ratings
Stresses beyond the limits listed below may cause perma-
nent damage to the device. Exposure to any Absolute Max-
imum Rating condition for extended periods may affect
device reliability and lifetime.
PVIN, VIN...................................................................-0.3V to 25V
VCC...........................................................................-0.3V to 6.0V
BST..........................................................................-0.3V to 31V1
BST-SW.......................................................................-0.3V to 6V
SW, ILIM...................................................................-1V to 25V1, 2
ALL other pins.................................................-0.3V to VCC+0.3V
Storage Temperature...........................................-65°C to +150°C
Junction Temperature..........................................................150°C
Power Dissipation...............................................Internally Limited
Lead Temperature (Soldering, 10 sec)......................260°C MSL3
ESD Rating (HBM - Human Body Model)...............................2kV
ESD Rating (CDM - Charged Device Model)..........................2kV
Operating Conditions
PVIN...............................................................................3V to 22V
VIN..............................................................................4.5V to 22V
VCC............................................................................4.5V to 5.5V
SW, ILIM.....................................................................-1V to 22V1
PGOOD, VCC, TON, SS, EN, FB...............................-0.3V to 5.5V
Switching Frequency......................................400kHz to 600kHz3
Junction Temperature Range..............................-40°C to +125°C
JEDEC51 Package Thermal Resistance,
JA................18.1°C/W
Package Power Dissipation at 25°C.......................................5.5W
Note 1: No external voltage applied.
Note 2: SW pin’s minimum DC range is -1V, transient is -5V for less than
50ns, -7V for less than 20ns, -9V for less than 10ns.
Note 3: Recommended frequency for optimum performance
Electrical Characteristics
Unless otherwise noted: TJ= 25°C, VIN=12V, BST=VCC, SW=AGND=PGND=0V, CVCC=4.7uF. Limits applying over the full
operating temperature range are denoted by a “
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Power Supply Characteristics
VIN
Input Voltage Range
VCC regulating or in dropout
4.5
22
V
VCC tied to VIN
4.5
5.5
IVIN
VIN Input Supply Current
Not switching, VIN = 12V, VFB = 0.7V
0.7
2
mA
IVCC
VCC Quiescent Current
Not switching, VCC=VIN = 5V, VFB = 0.7V
0.7
2
mA
IVIN
VIN Input Supply Current
f=500kHz, RON=61.9k, VFB=0.58V
11
mA
IOFF
Shutdown Current
Enable = 0V, VIN = 12V
1
μA
Enable and Under-Voltage Lock-Out UVLO
VIH_EN
EN Pin Rising Threshold
1.8
1.9
2.0
V
VEN_HYS
EN Pin Hysteresis
50
mV
VIH_EN
EN Pin Rising Threshold for DCM/
CCM operation
2.8
3.0
3.1
V
VEN_HYS
EN Pin Hysteresis
100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com