Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR79110EL-F Datasheet(PDF) 14 Page - Exar Corporation

Part # XR79110EL-F
Description  22V, 10A Synchronous Step Down COT Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR79110EL-F Datasheet(HTML) 14 Page - Exar Corporation

Back Button XR79110EL-F Datasheet HTML 10Page - Exar Corporation XR79110EL-F Datasheet HTML 11Page - Exar Corporation XR79110EL-F Datasheet HTML 12Page - Exar Corporation XR79110EL-F Datasheet HTML 13Page - Exar Corporation XR79110EL-F Datasheet HTML 14Page - Exar Corporation XR79110EL-F Datasheet HTML 15Page - Exar Corporation XR79110EL-F Datasheet HTML 16Page - Exar Corporation XR79110EL-F Datasheet HTML 17Page - Exar Corporation XR79110EL-F Datasheet HTML 18Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
XR79110
14 / 19
exar.com/XR79110
Rev 2B
© 2015-2017 Exar Corporation
only ceramic output capacitors are used for COUT then a
CFF is necessary. Calculate CFF from:
where:
R1 is the resistor that CFF is placed in parallel with
80kHz is the location of the Zero formed by R1 and CFF
Note that minimum required COUT is 90uF when using
ceramic capacitors.
When using capacitors with higher ESR, such as PANA-
SONIC TPE series, a CFF is not required provided following
conditions are met:
1. The frequency of output filter LC double-pole fLC should
be less than 15kHz.
2. The frequency of ESR Zero fZero,ESR should be at least
three times larger than fLC.
As an example the application circuit has fLC=8.3kHz and
fZero,ESR=48kHz.
Maximum Allowable Voltage Ripple at FB pin
Note that the steady-state voltage ripple at feedback pin FB
(VFB,RIPPLE) must not exceed 50mV in order for the Module
to function correctly. If VFB,RIPPLE is larger than 50mV then
COUT should be increased as necessary in order to keep
the VFB,RIPPLE below 50mV.
Feed-Forward Resistor (RFF)
Poor PCB layout can cause FET switching noise at the out-
put that may couple to the FB pin via CFF. Excessive noise
at FB will cause poor load regulation. To solve this problem
place a resistor RFF in series with CFF. RFF value up to 2%
of R1 is acceptable.
VOUT versus frequency curves
VOUT versus switching frequency (f) curves corresponding
to peak-to-peak inductor current ripple (IL) are plotted in
figure 12. For a particular VIN, VOUT and f the magnitude of
IL can be determined from figure 12. As an example, for
VIN=12V, VOUT=1.5V and f=400kHz the IL is 5A. Alter-
nately for a given VIN, VOUT and IL the required switching
frequency can be ascertained. For example for VIN=12V,
VOUT=1.5V and IL=4A the required f is 500kHz.
CFF
1
2
 80kHz R1
---------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com