Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR79110EL-F Datasheet(PDF) 10 Page - Exar Corporation

Part # XR79110EL-F
Description  22V, 10A Synchronous Step Down COT Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR79110EL-F Datasheet(HTML) 10 Page - Exar Corporation

Back Button XR79110EL-F Datasheet HTML 6Page - Exar Corporation XR79110EL-F Datasheet HTML 7Page - Exar Corporation XR79110EL-F Datasheet HTML 8Page - Exar Corporation XR79110EL-F Datasheet HTML 9Page - Exar Corporation XR79110EL-F Datasheet HTML 10Page - Exar Corporation XR79110EL-F Datasheet HTML 11Page - Exar Corporation XR79110EL-F Datasheet HTML 12Page - Exar Corporation XR79110EL-F Datasheet HTML 13Page - Exar Corporation XR79110EL-F Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
XR79110
10 / 19
exar.com/XR79110
Rev 2B
© 2015-2017 Exar Corporation
Typical Performance Characteristics
Unless otherwise noted: VIN = 12V, VOUT=1.2V, IOUT=10A, f=500kHz, TA = 25°C. Schematic from the application information
section.
Figure 13: Steady state, CCM, IOUT=10A
Figure 14: Steady state, DCM, IOUT=0A
Figure 15: Power up, Forced CCM
Figure 16: Power up, DCM/CCM
Figure 17: Load step, Forced CCM, 0A-5A-0A
Figure 18: Load step, DCM/CCM, 0A-5A-0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com