Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR79110EL-F Datasheet(PDF) 8 Page - Exar Corporation

Part # XR79110EL-F
Description  22V, 10A Synchronous Step Down COT Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR79110EL-F Datasheet(HTML) 8 Page - Exar Corporation

Back Button XR79110EL-F Datasheet HTML 4Page - Exar Corporation XR79110EL-F Datasheet HTML 5Page - Exar Corporation XR79110EL-F Datasheet HTML 6Page - Exar Corporation XR79110EL-F Datasheet HTML 7Page - Exar Corporation XR79110EL-F Datasheet HTML 8Page - Exar Corporation XR79110EL-F Datasheet HTML 9Page - Exar Corporation XR79110EL-F Datasheet HTML 10Page - Exar Corporation XR79110EL-F Datasheet HTML 11Page - Exar Corporation XR79110EL-F Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
XR79110
8 / 19
exar.com/XR79110
Rev 2B
© 2015-2017 Exar Corporation
Typical Performance Characteristics
Unless otherwise noted: VIN = 12V, VOUT=1.2V, IOUT=10A, f=500kHz, TA = 25°C. Schematic from the application information
section.
Figure 1: Load Regulation
Figure 2: Line regulation
Figure 3: TON versus RON
Figure 4: TON versus VIN, RON=6.98k
Figure 5: frequency versus IOUT
Figure 6: frequency versus VIN
1.180
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
4
6
8 10 12 14 16 18 20 22
VIN (V)
1.180
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
0
2468
10
IOUT (A)
100
200
300
400
500
0
5
10
15
20
RON (kΩ)
Calculated
Typical
100
200
300
400
500
4
6
8
101214 16182022
VIN (V)
Calculated
Typical
0
100
200
300
400
500
600
024
68
10
IOUT (A)
0
100
200
300
400
500
600
4
6
8
10121416182022
VIN (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com