Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR79110EL-F Datasheet(PDF) 12 Page - Exar Corporation

Part # XR79110EL-F
Description  22V, 10A Synchronous Step Down COT Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR79110EL-F Datasheet(HTML) 12 Page - Exar Corporation

Back Button XR79110EL-F Datasheet HTML 8Page - Exar Corporation XR79110EL-F Datasheet HTML 9Page - Exar Corporation XR79110EL-F Datasheet HTML 10Page - Exar Corporation XR79110EL-F Datasheet HTML 11Page - Exar Corporation XR79110EL-F Datasheet HTML 12Page - Exar Corporation XR79110EL-F Datasheet HTML 13Page - Exar Corporation XR79110EL-F Datasheet HTML 14Page - Exar Corporation XR79110EL-F Datasheet HTML 15Page - Exar Corporation XR79110EL-F Datasheet HTML 16Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
XR79110
12 / 19
exar.com/XR79110
Rev 2B
© 2015-2017 Exar Corporation
Functional Description
XR79110 is a synchronous step-down proprietary emulated
current-mode Constant On-Time (COT) Module. The on-
time, which is programmed via RON, is inversely propor-
tional to VIN and maintains a nearly constant frequency.
The emulated current-mode control is stable with ceramic
output capacitors.
Each switching cycle begins with GH signal turning on the
high-side (switching) FET for a preprogrammed time. At the
end of the on-time, the high-side FET is turned off and the
low-side (synchronous) FET is turned on for a preset mini-
mum time (250ns nominal). This parameter is termed Mini-
mum Off-Time. After the minimum off-time, the voltage at
the feedback pin FB is compared to an internal voltage
ramp at the feedback comparator. When VFB drops below
the ramp voltage, the high-side FET is turned on and the
cycle repeats. This voltage ramp constitutes an emulated
current ramp and makes possible the use of ceramic
capacitors, in addition to other capacitor types, for output fil-
tering.
Enable/Mode Input (EN/MODE)
EN/MODE pin accepts a tri-level signal that is used to con-
trol turn on/off. It also selects between two modes of opera-
tion: ‘Forced CCM’ and ‘DCM/CCM’. If EN is pulled below
1.8V, the Module shuts down. A voltage between 2.0V and
2.8V selects the Forced CCM mode which will run the Mod-
ule in continuous conduction at all times. A voltage higher
than 3.1V selects the DCM/CCM mode which will run the
Module in discontinuous conduction at light loads.
Selecting the Forced CCM Mode
In order to set the Module to operate in Forced CCM, a volt-
age between 2.0V and 2.8V must be applied to EN/MODE.
This can be achieved with an external control signal that
meets the above voltage requirement. Where an external
control is not available, the EN/MODE can be derived from
VIN. If VIN is well regulated, use a resistor divider and set
the voltage to 2.5V. If VIN varies over a wide range, the cir-
cuit shown in figure 25 can be used to generate the
required voltage. Note that at VIN of 5V and 22V the nomi-
nal Zever voltage is 3.8V and 4.7V respectively. Therefore
for VIN in the range of 5V to 22V, the circuit shown in figure
25 will generate VEN required for Forced CCM.
Selecting the DCM/CCM Mode
In order to set the Module operation to DCM/CCM, a volt-
age between 3.1V and 5.5V must be applied to EN/MODE
pin. If an external control signal is available, it can be
directly connected to EN/MODE. In applications where an
external control is not available, EN/MODE input can be
derived from VIN. If VIN is well regulated, use a resistor
divider and set the voltage to 4V. If VIN varies over a wide
range, the circuit shown in figure 26 can be used to gener-
ate the required voltage.
Figure 25: Selecting Forced CCM by deriving EN/MODE from
VIN
Figure 26: Selecting DCM/CCM by deriving EN/MODE from
VIN
 
R1
30.1k, 1%
RZ
10k
EN/MODE
R2
35.7k, 1%
Zener
MMSZ4685T1G or Equivalent
IN
V
 
Zener
MMSZ4685T1G or Equivalent
RZ
10k
EN/MODE
V
IN
V
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com