Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLS201610E Datasheet(PDF) 20 Page - Seiko Instruments Inc

Part # VLS201610E
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

VLS201610E Datasheet(HTML) 20 Page - Seiko Instruments Inc

Back Button VLS201610E Datasheet HTML 16Page - Seiko Instruments Inc VLS201610E Datasheet HTML 17Page - Seiko Instruments Inc VLS201610E Datasheet HTML 18Page - Seiko Instruments Inc VLS201610E Datasheet HTML 19Page - Seiko Instruments Inc VLS201610E Datasheet HTML 20Page - Seiko Instruments Inc VLS201610E Datasheet HTML 21Page - Seiko Instruments Inc VLS201610E Datasheet HTML 22Page - Seiko Instruments Inc VLS201610E Datasheet HTML 23Page - Seiko Instruments Inc VLS201610E Datasheet HTML 24Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM/PFM SWITCHABLE SWITCHING REGULATOR
S-8363 Series
Rev.2.0_01
20
4. Output voltage setting resistors (RFB1, RFB2), capacitor for phase compensation (CFB)
For the S-8363 Series, VOUT can be set to any value by using external divider resistors. Connect the divider
resistors between the VOUT and VSS pins.
Because VFB = 0.6 V typ., VOUT can be calculated by using the following equation :
VOUT =
RFB1 + RFB2
RFB2
× 0.6
Connect divider resistors RFB1 and RFB2 as close to the IC as possible to minimize the effects of noise. If noise has
an effect, adjust the values of RFB1 and RFB2 so that RFB1 + RFB2 < 100 k
Ω.
CFB, which is connected in parallel with RFB1, is a capacitor for phase compensation.
By setting the zero point (the phase feedback) by adding capacitor CFB to output voltage setting resistor RFB1 in
parallel, the phase margin increases, improving the stability of the feedback loop. To effectively use the feedback
portion of the phase based on the zero point, define CFB by using the following equation :
CFB
≅
L
× COUT
3
× RFB1 ×
VOUT
VDD
This equation is only a guide.
The following explains the optimum setting.
To efficiently use the feedback portion of the phase based on the zero point, specify settings so that the phase
feeds back at the zero point frequency (fzero) of RFB1 and CFB according to the phase delay at the pole frequency
(fpole) of L and COUT. The zero point frequency is generally set slightly higher than the pole frequency.
The following equations are used to determine the pole frequency of L and COUT and the zero point frequency set
using RFB1 and CFB.
fpole
≅
1
2
× π × L × COUT
×
VDD
VOUT
fzero
≅
1
2
× π × RFB1 × CFB
The transient response can be improved by setting the zero point frequency in a lower frequency range. If, however,
the zero point frequency is set in a significantly lower range, the gain increases in the range of high frequency and
the phase margin decreases. This might result in unstable operation. Determine the proper value after sufficient
evaluation with actual application.
The typical constants based on our evaluation are shown in Table 11.
Table 11 Example of Constant for External Parts
VOUT(S) [V]
VIN [V]
RFB1 [k
Ω]
RFB2 [k
Ω]
CFB [pF]
1.8
1.2
30
15
82
2.48
1.2
47
15
68
3.32
1.8
68
15
47
4.2
1.8
90
15
39
5.0
1.8
110
15
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com