Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLS201610E Datasheet(PDF) 36 Page - Seiko Instruments Inc

Part # VLS201610E
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

VLS201610E Datasheet(HTML) 36 Page - Seiko Instruments Inc

Back Button VLS201610E Datasheet HTML 32Page - Seiko Instruments Inc VLS201610E Datasheet HTML 33Page - Seiko Instruments Inc VLS201610E Datasheet HTML 34Page - Seiko Instruments Inc VLS201610E Datasheet HTML 35Page - Seiko Instruments Inc VLS201610E Datasheet HTML 36Page - Seiko Instruments Inc VLS201610E Datasheet HTML 37Page - Seiko Instruments Inc VLS201610E Datasheet HTML 38Page - Seiko Instruments Inc VLS201610E Datasheet HTML 39Page - Seiko Instruments Inc VLS201610E Datasheet HTML 40Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM/PFM SWITCHABLE SWITCHING REGULATOR
S-8363 Series
Rev.2.0_01
36
4.5 Power supply voltage fluctuations (VOUT = 3.0 V, IOUT = 100 mA, Ta =
+25°C)
(1) VIN = 1.98 V→2.64 V
(2) VIN = 2.64 V→1.98 V
Time [
μs]
3.5
3.0
6.0
1.0
400
−100
300
200
100
0
3.4
3.3
3.2
3.1
5.0
4.0
3.0
2.0
VOUT
VIN
Time [
μs]
3.5
3.0
6.0
1.0
400
−100
300
200
100
0
3.4
3.3
3.2
3.1
5.0
4.0
3.0
2.0
VOUT
VIN
4.6 Load fluctuations (VOUT = 3.3 V, VIN = 1.98 V, IOUT = 0.1 mA
→ 100 mA → 0.1 mA, Ta = +25°C)
(1) IOUT = 0.1 mA→100 mA
(2) IOUT = 100 mA→0.1 mA
Time [
μs]
3.5
3.0
500
0
400
300
200
100
0
−100
−200
3.4
3.3
3.2
3.1
400
300
200
100
VOUT
IOUT
Time [
μs]
3.5
3.0
500
0
6
−2
3.4
3.3
3.2
3.1
400
300
200
100
4
2
0
VOUT
IOUT
4.7 Load fluctuations (VOUT = 3.3 V, VIN = 1.98 V, IOUT = 100 mA
→ 200 mA → 100 mA, Ta = +25°C)
(1) IOUT = 100 mA→200 mA
(2) IOUT = 200 mA→100 mA
Time [
μs]
3.5
3.0
500
0
400
−100
300
200
100
0
3.4
3.3
3.2
3.1
400
300
200
100
VOUT
IOUT
Time [
μs]
3.5
3.0
500
0
400
−100
300
200
100
0
3.4
3.3
3.2
3.1
400
300
200
100
VOUT
IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com