Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLS201610E Datasheet(PDF) 38 Page - Seiko Instruments Inc

Part # VLS201610E
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

VLS201610E Datasheet(HTML) 38 Page - Seiko Instruments Inc

Back Button VLS201610E Datasheet HTML 34Page - Seiko Instruments Inc VLS201610E Datasheet HTML 35Page - Seiko Instruments Inc VLS201610E Datasheet HTML 36Page - Seiko Instruments Inc VLS201610E Datasheet HTML 37Page - Seiko Instruments Inc VLS201610E Datasheet HTML 38Page - Seiko Instruments Inc VLS201610E Datasheet HTML 39Page - Seiko Instruments Inc VLS201610E Datasheet HTML 40Page - Seiko Instruments Inc VLS201610E Datasheet HTML 41Page - Seiko Instruments Inc VLS201610E Datasheet HTML 42Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM/PFM SWITCHABLE SWITCHING REGULATOR
S-8363 Series
Rev.2.0_01
38
The properties of the external parts are shown below.
Table 16 Characteristics of External Parts
Part
Part Name
Manfuacturer
Characteristics
Inductor
VLF302510
TDK Corporation
2.2
μH, DCR*1 = 0.084 Ω, IMAX*2 = 1.23 A,
L
× W×H = 3.0 × 2.5 × 1.0 mm
Diode
CRS08
TOSHIBA CORPORATION
VF*3 = 0.32 V typ., IF*4 = 1.5 A, VR*5 = 30 V,
L
× W × H = 3.5 × 1.6 × 1.08 mm
RB070M-30TR
ROHM Co., Ltd.
VF*3 = 0.44 V typ., IF*4 = 1.5 A, VR*5 = 30 V,
L
× W × H = 3.5 × 1.6 × 0.9 mm
RB051LA-40TR
VF*3 = 0.35 V max., IF*4 = 3.0 A, VR*5 = 20 V,
L
× W × H = 4.7 × 2.6 × 1.05 mm
RB161M-20TR
VF*3 = 0.31 V typ., IF*4 = 1.0 A, VR*5 = 20 V,
L
× W × H = 3.5 × 1.6 × 0.9 mm
RB161SS-20T2R
VF*3 = 0.42 V, IF*4 = 1.0 A, VR*5 = 20 V,
L
× W × H = 1.6 × 0.8 × 0.603 mm
Capacitor
LMK212BJ106KD
TAIYO YUDEN Co., Ltd.
10
μF, EDC*6 = 10 V, X5R,
L
× W × H = 2.0 × 1.25 × 0.95 mm
EMK107B7105KA
10
μF, EDC*6 = 16 V, X7R,
L
× W × H = 1.6 × 0.8 × 0.9 mm
C1608X5R0J106M
TDK Corporation
10
μF, EDC*6 = 6.3 V, X5R,
L
× W × H = 1.6 × 0.8 × 0.9 mm
C1608X7R1C105K
1
μF, EDC*6 = 16 V, X7R,
L
× W × H = 1.6 × 0.8 × 0.9 mm
* 1. DCR :
DC resistance
* 2. IMAX :
Maximum allowable current
* 3. VF :
Forward voltage
* 4. IF :
Forward current
* 5. VR :
Reverse voltage
* 6. EDC :
Rated voltage
Caution The values shown in the characteristics column of Table 16 above are based on the materials provided
by each manufacture. However, consider the characteristics of the original materials when using the
above products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com