Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLS201610E Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # VLS201610E
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

VLS201610E Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button VLS201610E Datasheet HTML 6Page - Seiko Instruments Inc VLS201610E Datasheet HTML 7Page - Seiko Instruments Inc VLS201610E Datasheet HTML 8Page - Seiko Instruments Inc VLS201610E Datasheet HTML 9Page - Seiko Instruments Inc VLS201610E Datasheet HTML 10Page - Seiko Instruments Inc VLS201610E Datasheet HTML 11Page - Seiko Instruments Inc VLS201610E Datasheet HTML 12Page - Seiko Instruments Inc VLS201610E Datasheet HTML 13Page - Seiko Instruments Inc VLS201610E Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM/PFM SWITCHABLE SWITCHING REGULATOR
S-8363 Series
Rev.2.0_01
10
2. 3 Schottky barrier diode
A schottky barrier diode (SD) is necessary to operate the S-8363 Series. The VOUT pin also works as the
power supply pin. The voltage applied on the VOUT pin when
OFF
/
ON
= “L” is VIN
− VD. VD is forward voltage
for step-down of SD, and largely varies depending on the forward current If of SD and ambient temperature, but
Vd is approx. 0.2 V to 0.5 V.
When the S-8363 Series startups from 0.9 V, use a SD with specially low VD. When using CRS08 for the
S-8363 Series, start-up is guaranteed when Ta =
+25°C and a load current of 1 mA.
Satisfy the following conditions when using other SDs.
• Low forward voltage (VD)
• High switching speed
• Reverse withstand voltage of VOUT + spike voltage or more
• Rated current of IPK or more
Table 7 Typical Schottky Diodes
Manufacturer
Name
TOSHIBA CORPORATION
CRS02
CRS08
ROHM Co., Ltd.
RB161M-20TR
RB051LA-40TR
RB070M-30TR
RB161SS-20T2R
Remark
Generally, in diodes with low forward volage VD, reverse leakage current Ir tends to increases.
Especially, increase of Ir in high temperature is significant. To prevent decrease in efficiency, choose a
diode with low Ir when low voltage start-up is unnecessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com