Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLS201610E Datasheet(PDF) 22 Page - Seiko Instruments Inc

Part # VLS201610E
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

VLS201610E Datasheet(HTML) 22 Page - Seiko Instruments Inc

Back Button VLS201610E Datasheet HTML 18Page - Seiko Instruments Inc VLS201610E Datasheet HTML 19Page - Seiko Instruments Inc VLS201610E Datasheet HTML 20Page - Seiko Instruments Inc VLS201610E Datasheet HTML 21Page - Seiko Instruments Inc VLS201610E Datasheet HTML 22Page - Seiko Instruments Inc VLS201610E Datasheet HTML 23Page - Seiko Instruments Inc VLS201610E Datasheet HTML 24Page - Seiko Instruments Inc VLS201610E Datasheet HTML 25Page - Seiko Instruments Inc VLS201610E Datasheet HTML 26Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM/PFM SWITCHABLE SWITCHING REGULATOR
S-8363 Series
Rev.2.0_01
22
Application Circuits
Application circuits are examples. They may always not guarantee successful operation.
1. External parts for application circuits
Table 12 Characteristics of External Parts
Part
Part Name
Manfuacturer
Characteristics
Inductor
VLF302510
TDK Corporation
2.2
μH, DCR*1 = 0.084 Ω, IMAX*2 = 1.23 A,
L
× W×H = 3.0 × 2.5 × 1.0 mm
VLS201610E
2.2
μH, DCR*1 = 0.276 Ω, IMAX*2 = 0.94 A,
L
× W × H = 2.0 × 1.6 × 0.95 mm
MLP2012S
2.2
μH, DCR*1 = 0.300 Ω, IMAX*2 = 0.8 A,
L
× W × H = 2.0 × 1.25 × 1.0 mm
BRL2518T2R2M
TAIYO YUDEN Co., Ltd.
2.2
μH, DCR*1 = 0.1755 Ω, IMAX*2 = 0.85 A,
L
× W × H = 2.5 × 1.8 × 1.2 mm
Diode
CRS02
TOSHIBA CORPORATION
VF*3 = 0.4 V typ., IF*4 = 1.0 A, VR*5 = 30 V,
L
× W × H = 3.5 × 1.6 × 1.08 mm
CRS08
VF*3 = 0.32 V typ., IF*4 = 1.5 A, VR*5 = 30 V,
L
× W × H = 3.5 × 1.6 × 1.08 mm
RB070M-30TR
ROHM Co., Ltd.
VF*3 = 0.44 V typ., IF*4 = 1.5 A, VR*5 = 30 V,
L
× W × H = 3.5 × 1.6 × 0.9 mm
VF*3 = 0.35 V max., IF*4 = 3.0 A, VR*5 = 20 V,
L
× W × H = 4.7 × 2.6 × 1.05 mm
RB051LA-40TR
RB161M-20TR
VF*3 = 0.31 V typ., IF*4 = 1.0 A, VR*5 = 20 V,
L
× W × H = 3.5 × 1.6 × 0.9 mm
VF*3 = 0.42 V, IF*4 = 3.0 A, VR*5 = 20 V,
L
× W × H = 1.6 × 0.8 × 0.603 mm
RB161SS-20T2R
Capacitor
LMK212BJ106KD
TAIYO YUDEN Co., Ltd.
10
μF, EDC*6 = 10 V, X5R,
L
× W × H = 2.0 × 1.25 × 0.95 mm
EMK107B7105KA
10
μF, EDC*6 = 16 V, X7R,
L
× W × H = 1.6 × 0.8 × 0.90 mm
C1608X5R0J106M
TDK Corporation
10
μF, EDC*6 = 6.3 V, X5R,
L
× W × H = 1.6 × 0.8 × 0.9 mm
C1608X7R1C105K
1
μF, EDC*6 = 16 V, X7R,
L
× W × H = 1.6 × 0.8 × 0.9 mm
* 1. DCR :
DC resistance
* 2. IMAX :
Maximum allowable current
* 3. VF :
Forward voltage
* 4. IF :
Forward current
* 5. VR :
Reverse voltage
* 6. EDC :
Rated voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com