Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLS201610E Datasheet(PDF) 31 Page - Seiko Instruments Inc

Part # VLS201610E
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

VLS201610E Datasheet(HTML) 31 Page - Seiko Instruments Inc

Back Button VLS201610E Datasheet HTML 27Page - Seiko Instruments Inc VLS201610E Datasheet HTML 28Page - Seiko Instruments Inc VLS201610E Datasheet HTML 29Page - Seiko Instruments Inc VLS201610E Datasheet HTML 30Page - Seiko Instruments Inc VLS201610E Datasheet HTML 31Page - Seiko Instruments Inc VLS201610E Datasheet HTML 32Page - Seiko Instruments Inc VLS201610E Datasheet HTML 33Page - Seiko Instruments Inc VLS201610E Datasheet HTML 34Page - Seiko Instruments Inc VLS201610E Datasheet HTML 35Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM/PFM SWITCHABLE SWITCHING REGULATOR
Rev.2.0_01
S-8363 Series
31
2. Examples of Major Temperature Characteristics (Ta =
−40 to +85°C)
(1) Current consumption during operation (IIN1) vs.
Temperature (Ta)
(2) Current consumption during operation (ISS1) vs.
Temperature (Ta)
Ta [
C]
−40
10.0
0.0
5.0
7.0
8.0
3.0
1.0
2.0
4.0
6.0
9.0
85
75
50
25
0
−25
VIN = 0.9 V
VIN = 1.8 V
VIN = 4.2 V
VIN = 4.5 V
Ta [
C]
−40
1000
0
500
700
800
300
100
200
400
600
900
85
75
50
25
0
−25
VOUT = 5.0 V
VOUT = 3.3 V
VOUT = 1.8 V
(3) Current consumption during switching off (IIN2) vs.
Temperature (Ta)
(4) Current consumption during switching off (ISS2) vs.
Temperature (Ta)
Ta [
C]
−40
10.0
0.0
5.0
7.0
8.0
3.0
1.0
2.0
4.0
6.0
9.0
85
75
50
25
0
−25
VIN = 0.9 V
VIN = 1.8 V
VIN = 4.2 V
VIN = 4.5 V
Ta [
C]
−40
200
0
100
140
160
60
20
40
80
120
180
85
75
50
25
0
−25
VOUT = 1.8 V
VOUT = 3.3 V
VOUT = 5.0 V
(5) Current consumption during power-off (ISSS) vs. Temperature (Ta)
Ta [
C]
−40
1.0
0.0
0.5
0.7
0.8
0.3
0.1
0.2
0.4
0.6
0.9
85
75
50
25
0
−25
VIN = VOUT = 4.5 V
(6) Oscillation frequency (fOSC) vs. Temperature (Ta)
(7) Start-up oscillation frequency (fST) vs. Temperature (Ta)
Ta [
C]
−40
1.38
1.02
1.34
1.30
1.26
1.22
1.18
1.14
1.10
1.06
85
75
50
25
0
−25
VOUT = 1.8 V
VOUT = 3.3 V
VOUT = 5.0 V
Ta [
C]
−40
500
450
400
350
300
250
200
150
100
85
75
50
25
0
−25
VIN = 0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com