Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8821 Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S8821
Description  VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8821 Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S8821 Datasheet HTML 1Page - Seiko Instruments Inc S8821 Datasheet HTML 2Page - Seiko Instruments Inc S8821 Datasheet HTML 3Page - Seiko Instruments Inc S8821 Datasheet HTML 4Page - Seiko Instruments Inc S8821 Datasheet HTML 5Page - Seiko Instruments Inc S8821 Datasheet HTML 6Page - Seiko Instruments Inc S8821 Datasheet HTML 7Page - Seiko Instruments Inc S8821 Datasheet HTML 8Page - Seiko Instruments Inc S8821 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_02
S-8821 Series
5
Pin Configurations
6
4
1
3
2
SOT-23-6W
Top view
5
Table 2
Pin No.
Symbol
Pin Description
1
VIN
Voltage input pin
2
C
+
Charge-pump pump capacitor connection pin
(positive pin)
3
C
−
Charge-pump pump capacitor connection pin
(negative pin)
4
ON/OFF
Shutdown pin
High level (H): normal operation (boost)
Low level (L) : boost halt (all circuit halt)
5
GND
GND pin
6
VOUT
Voltage output pin
Figure 2
1
2
3
4
SNT-8A
Top view
8
7
6
5
Figure 3
Table 3
Pin No.
Symbol
Pin Description
1
C
+
Charge-pump pump capacitor connection pin
(positive pin)
2
VIN
Voltage input pin
3
NC
*1
No connection
4
VOUT
Voltage output pin
5
ON/OFF
Shutdown pin
High level (H): normal operation (boost)
Low level (L) : boost halt (all circuit halt)
6
GND
GND pin
7
NC
*1
No connection
8
C
−
Charge-pump pump capacitor connection pin
(negative pin)
*1. The NC pin is electrically open.
The NC pin can be connected to VIN or GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com