Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8821 Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S8821
Description  VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8821 Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S8821 Datasheet HTML 6Page - Seiko Instruments Inc S8821 Datasheet HTML 7Page - Seiko Instruments Inc S8821 Datasheet HTML 8Page - Seiko Instruments Inc S8821 Datasheet HTML 9Page - Seiko Instruments Inc S8821 Datasheet HTML 10Page - Seiko Instruments Inc S8821 Datasheet HTML 11Page - Seiko Instruments Inc S8821 Datasheet HTML 12Page - Seiko Instruments Inc S8821 Datasheet HTML 13Page - Seiko Instruments Inc S8821 Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
S-8821 Series
Rev.5.1_02
10
2. Boost Charge Pump
The boost charge pump boosts the voltage by switching ON/OFF of the SW1 to SW4 switching
transistors.
First, in order to charge the pump capacitance (CPUMP), set SW1 to OFF, SW2 to ON, SW3 to OFF, and
SW4 to ON (charge cycle). Following charging the electricity, in order to discharge the charged
electricity to the output capacitance (COUT), SW1 set the switches as to ON, SW2 to OFF, SW3 to ON,
and SW4 to OFF (discharge cycle).
The input voltage can be boosted to a constant voltage value by repeating this charge cycle and
discharge cycle.
Figure 8 shows the charge cycle, and Figure 9 shows the discharge cycle.
VIN
SW 1: OFF
SW 3: OFF
SW 4: ON
SW 2: ON
COUT
10
μF
CPUMP
0.10
μF
Current flow
Figure 8
VIN
SW 1: ON
SW 3: ON
SW 4: OFF
SW 2: OFF
COUT
10
μF
CPUMP
0.10
μF
Current flow
Figure 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com