Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8821 Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S8821
Description  VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8821 Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S8821 Datasheet HTML 3Page - Seiko Instruments Inc S8821 Datasheet HTML 4Page - Seiko Instruments Inc S8821 Datasheet HTML 5Page - Seiko Instruments Inc S8821 Datasheet HTML 6Page - Seiko Instruments Inc S8821 Datasheet HTML 7Page - Seiko Instruments Inc S8821 Datasheet HTML 8Page - Seiko Instruments Inc S8821 Datasheet HTML 9Page - Seiko Instruments Inc S8821 Datasheet HTML 10Page - Seiko Instruments Inc S8821 Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_02
S-8821 Series
7
Electrical Characteristics
Table 5
(VIN=(VOUT(S)
× 0.60) V
*1, Ta=25°C unless otherwise specified)
Items
Symbols
Conditions
Min.
Typ.
Max.
Units
Test
circuits
Operation input voltage VIN
VOUT(S) ≤ 2.9 V
1.6
⎯
5.0
V
2
VOUT(S) > 2.9 V
VOUT(S)
×
0.54
⎯
5.0
V
2
Output voltage*2
VOUT(E)
IOUT=10 mA
VOUT(S)
×
0.98
VOUT(S)
VOUT(S)
×
1.02
V
2
Output current*3
IOUT
VIN=(VOUT(S)
× 0.54) V
*6
5
⎯
⎯
mA
2
VIN=(VOUT(S)
× 0.60) V
*1
15
⎯
⎯
mA
2
VIN=(VOUT(S)
× 0.80) V
25
⎯
⎯
mA
2
Line regulation
ΔVOUT1
VIN=(VOUT(S)
× 0.60) V
*1
to (VOUT(S)
− 0.10) V,
IOUT=10 mA
⎯
50
100
mV
2
Load regulation
ΔVOUT2
IOUT=0.1 mA to 10 mA
⎯
40
80
mV
2
Ripple voltage*4
VRIP
IOUT=10 mA
⎯
70
⎯
mVp−p
2
Maximum oscillation
frequency
fosc
VOUT=(VOUT(S)
× 0.60) V,
Measure waveform at C
− pin
800
1000
1200
kHz
2
Efficiency*5
η
VIN=(VOUT(S)
× 0.54) V,
VOUT(S) ≥ 3.0 V, IOUT=5 mA
⎯
90
⎯
%
1
Operation consumption
current
ISS1
VIN=VOUT(S),
VOUT=(VOUT(S)
+ 0.5) V
⎯
35
60
μA
2
Standby consumption
current
ISSS
VIN=(VOUT(S)
× 0.54) V
*6 to 5.0 V,
VON/OFF=0 V
⎯
0.3
1.0
μA
1
ON/OFF pin input
voltage (high level)
VSH
VIN=(VOUT(S)
× 0.54) V
*6 to 5.0 V
1.5
⎯
⎯
V
1
ON/OFF pin input
voltage (low level)
VSL
VIN=(VOUT(S)
× 0.54) V
*6 to 5.0 V
⎯
⎯
0.3
V
1
ON/OFF pin input
current (high level)
ISH
VIN=(VOUT(S)
× 0.54) V
*6 to 5.0 V
−0.1
⎯
0.1
μA
1
ON/OFF pin input
current (low level)
ISL
VIN=(VOUT(S)
× 0.54) V
*6 to 5.0 V
−0.1
⎯
0.1
μA
1
Soft start time
tSS
IOUT=10 mA
0.2
1.0
4.0
ms
1
*1. In case of VOUT ≤ 3.3 V, VIN=2.0 V
*2. VOUT(E): Actual output voltage
VOUT(S): Specified output voltage
*3. The output current at which the output voltage becomes 97 % of VOUT(E) after gradually increasing the
output current.
*4. Design assurance
*5. The ideal efficiency is indicated by the following expression.
Efficiency (
η)=(VOUT × IOUT) / (2.0 × VIN × IOUT)
*6. In case of VOUT ≤ 2.9 V, VIN=1.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com